Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2112 Datasheet(PDF) 8 Page - International Rectifier

Part # IR2112
Description  HIGH AND LOW SIDE DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2112 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR2112 Datasheet HTML 4Page - International Rectifier IR2112 Datasheet HTML 5Page - International Rectifier IR2112 Datasheet HTML 6Page - International Rectifier IR2112 Datasheet HTML 7Page - International Rectifier IR2112 Datasheet HTML 8Page - International Rectifier IR2112 Datasheet HTML 9Page - International Rectifier IR2112 Datasheet HTML 10Page - International Rectifier IR2112 Datasheet HTML 11Page - International Rectifier IR2112 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
IR2112(S) & (PbF)
8
www.irf.com
0
25
50
75
100
125
10
12
14
16
18
20
VBIA S S upply V o ltage (V )
Figure 11B. Turn-Off Fall Time vs. Voltage
Max.
Typ.
Figure 12A. Logic “I” Input Threshold
vs. Temperature
0
3
6
9
12
15
-50
-25
0
25
50
75
100
125
Temperature (°C)
Min.
2.5
5
7.5
1 0
1 2 .5
1 5
1 7 .5
2 0
VD D L o g ic
S u pp ly V o lta g e (V )
Figure 12B. Logic “I” Input Threshold
vs. Voltage
Min.
0
3
6
9
12
15
-5 0
-25
0
2 5
5 0
7 5
100
125
Te m perat u re (°C )
Figure 13A. Logic “0” Input Threshold
vs. Temperature
Max.
2.5
5
7.5
10
12.5
15
17.5
20
VDD Logic
Supply Voltage (V)
Figure 13B. Logic “0” Input Threshold
vs. Voltage
Max.
0
0.2
0.4
0.6
0.8
1
-50
-25
0
25
50
75
100
125
T e m p erature
Ma x.
Figure 14A. High Level Output vs. Temperature


Similar Part No. - IR2112

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2112 IRF-IR2112 Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2112 INFINEON-IR2112 Datasheet
320Kb / 18P
   HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60026 revS
IR2112-1 INFINEON-IR2112-1 Datasheet
320Kb / 18P
   HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60026 revS
logo
International Rectifier
IR2112-2 IRF-IR2112-2 Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
logo
Infineon Technologies A...
IR2112-2 INFINEON-IR2112-2 Datasheet
320Kb / 18P
   HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60026 revS
More results

Similar Description - IR2112

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
   High Side and Low Side Driver
logo
International Rectifier
IR2102 IRF-IR2102 Datasheet
209Kb / 15P
   HIGH AND LOW SIDE DRIVER
logo
Motorola, Inc
MPIC2113 MOTOROLA-MPIC2113 Datasheet
171Kb / 6P
   HIGH AND LOW SIDE DRIVER
logo
International Rectifier
IRS21814MPBF IRF-IRS21814MPBF Datasheet
779Kb / 21P
   HIGH- AND LOW-SIDE DRIVER
IR2106 IRF-IR2106 Datasheet
314Kb / 22P
   HIGH AND LOW SIDE DRIVER
IRS2001MPBF IRF-IRS2001MPBF Datasheet
735Kb / 17P
   HIGH AND LOW SIDE DRIVER
IRS26072DSPBF IRF-IRS26072DSPBF_11 Datasheet
847Kb / 30P
   HIGH AND LOW SIDE DRIVER
IR2106SPBF IRF-IR2106SPBF Datasheet
246Kb / 23P
   HIGH AND LOW SIDE DRIVER
IR2110STRPBF IRF-IR2110STRPBF Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2113STR IRF-IR2113STR Datasheet
334Kb / 18P
   HIGH AND LOW SIDE DRIVER
IR2112STRPBF IRF-IR2112STRPBF Datasheet
318Kb / 18P
   HIGH AND LOW SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com