Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KH104 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KH104
Description  DC to 1.1GHz Linear Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KH104 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KH104 Datasheet HTML 1Page - Fairchild Semiconductor KH104 Datasheet HTML 2Page - Fairchild Semiconductor KH104 Datasheet HTML 3Page - Fairchild Semiconductor KH104 Datasheet HTML 4Page - Fairchild Semiconductor KH104 Datasheet HTML 5Page - Fairchild Semiconductor KH104 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
s
-3dB bandwidth of 1.1GHz
s
325psec rise and fall times
s
14dB gain, 50
Ω input and output
s
Low distortion, linear phase
s
1.4:1 VSWR (output, DC-1.1GHz)
s
Direct replacement for CLC104
Applications
s
Digital and wideband analog communications
s
Radar, IF and RF processors
s
Fiber optic drivers and receivers
s
Photomultiplier preamplifiers
General Description
The KH104 linear amplifier represents a significant
advance in linear amplifiers. Proprietary design
techniques have yielded an amplifier with 14dB of
gain and a -3dB bandwidth of DC to 1100MHz. Gain
flatness to 750MHz of ±0.4dB coupled with excellent
VSWR and phase linearity gives outstanding pulse
fidelity and low signal distortion.
Designed for 50
Ω systems, the KH104 is very easy to
use, requiring only properly bypassed power supplies
for operation. This translates to time and cost savings
in all stages of design and production.
Fast rise time, low overshoot and linear phase make
the KH104 ideal for high speed pulse amplification.
These properties plus low distortion combine to
produce an amplifier well suited to many communi-
cations applications. With a 1.1GHz bandwidth, the
KH104 can handle the fastest digital traffic, even
when the demodulation scheme or the digital coding
format requires that DC be maintained. It is also
ideal for traditional video amplifier applications such
as radar or wideband analog communications systems.
These same characteristics make the KH104 an excellent
choice for use in fiber optics systems, on either the
transmitting or receiving end of the fiber. The low
group delay distortion insures that pulse integrity
will be maintained. As a photomultiplier tube pre-
amp, its fast response and quick overload recovery
provide for superior system performance.
The KH104 is constructed using thin film resistor/
bipolar transistor technology, and is available in the
following versions:
KH104AI
-25°C to +85°C
14-pin double-wide DIP
KH104
DC to 1.1GHz Linear Amplifier
www.fairchildsemi.com
REV. 1A February 2001
KH104
11 Vo
13 -VR
14 +VR
4
Vin
*
Ground
12
Offset
Adjust
+5.4V
Reg
1
+VCC
-5.4V
Reg
2
*Pins 3, 5-10 case is ground
0.01
2.2
2.2
0.01
-15V
+15V
39
0.01
Vin
Vo
4
3,5-10
12
14
13
KH104
1
2
11
Capacitance if
µF
0.01
0.01
39
Offset
Adjust
10K
-15V
+15V
Basic Circuit Diagram
Equivalent Circuit Diagram


Similar Part No. - KH104

ManufacturerPart #DatasheetDescription
logo
Cadeka Microcircuits LL...
KH104 CADEKA-KH104 Datasheet
323Kb / 6P
   DC to 1.1GHz Linear Amplifier
KH104AI CADEKA-KH104AI Datasheet
323Kb / 6P
   DC to 1.1GHz Linear Amplifier
More results

Similar Description - KH104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT104 ETC1-SPT104 Datasheet
98Kb / 6P
   DC TO 1.1GHz LINEAR AMPLIFIER
logo
Cadeka Microcircuits LL...
KH104 CADEKA-KH104 Datasheet
323Kb / 6P
   DC to 1.1GHz Linear Amplifier
logo
Renesas Technology Corp
F1420 RENESAS-F1420 Datasheet
2Mb / 20P
   RF Amplifier 700MHz to 1.1GHz
logo
Micrel Semiconductor
MICRF500 MICREL-MICRF500 Datasheet
143Kb / 18P
   700MHz to 1.1GHz RadioWire RF Transceiver
logo
Samsung semiconductor
KB8825 SAMSUNG-KB8825 Datasheet
606Kb / 21P
   1.1GHZ DUAL PLL
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
logo
Samsung semiconductor
S1T8825 SAMSUNG-S1T8825 Datasheet
120Kb / 16P
   1.1GHZ DUAL PLL
logo
AVAGO TECHNOLOGIES LIMI...
MGA-53589 AVAGO-MGA-53589_15 Datasheet
688Kb / 16P
   50MHz to 3GHz High Linear Amplifier
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
RFHIC
GLM2723-L RFHIC-GLM2723-L Datasheet
195Kb / 3P
   Linear Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com