Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-0500 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HCPL-0500
Description  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0500 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HCPL-0500 Datasheet HTML 1Page - Fairchild Semiconductor HCPL-0500 Datasheet HTML 2Page - Fairchild Semiconductor HCPL-0500 Datasheet HTML 3Page - Fairchild Semiconductor HCPL-0500 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0500 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0500 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0500 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0500 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0500 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
• High speed-1 MBit/s
• Superior CMR-1 kV/µs
• CTR guaranteed 0-70°C
• U.L. recognized (File # E90700)
DESCRIPTION
The HCPL-0500, HCPL-0501 and HCPL-0452
optocouplers consist of an AlGaAs LED optically
coupled to a high speed photodetector transistor
housed in a compact 8-pin smalloutline package.
A separate connection for the bias of the photo-
diode improves the speed by several orders of
magnitude over conventional phototransistor
optocouplers by reducing the base-collector
capacitance of the input transistor.
APPLICATIONS
• Line receivers
• Pulse transformer replacement
• Output interface to CMOS-LSTTL-TTL
• Wide bandwidth analog coupling
Parameter
Symbol
Value
Units
Storage Temperature
TSTG
-55 to +125
°C
Operating Temperature
TOPR
-55 to +100
°C
Reflow Temperature Profile (Refer to fig. 11)
EMITTER
DC/Average Forward Input Current
IF (avg)
25
mA
Peak Forward Input Current (50% duty cycle, 1 ms P.W.)
IF (pk)
50
mA
Peak Transient Input Current - (
1 µs P.W., 300 pps)
IF (trans)
1.0
A
Reverse Input Voltage
VR
5V
Input Power Dissipation
PD
45
mW
DETECTOR
Average Output Current (Pin 6)
IO (avg)
8
mA
Peak Output Current
IO (pk)
16
mA
Emitter-Base Reverse Voltage (Except HCPL-0452)
VEBR
5V
Supply Voltage
VCC
-0.5 to 30
V
Output Voltage
VO
-0.5 to 20
V
Base Current
(Except HCPL-0452)
IB
5mA
Output power dissipation
PD
100
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
1
2
3
4
5
6
7
8
+
_
V
F
V
CC
V
B
V
O
GND
*
N/C
N/C
HCPL-0500, HCPL-0501
*BASE NOT CONNECTED
FOR HCPL-0452
SINGLE-CHANNEL
HCPL-0500
HCPL-0452
HCPL-0501
Package Dimensions
Lead Coplanarity : 0.004 (0.10) MAX
0.202 (5.13)
0.182 (4.63)
0.021 (0.53)
0.011 (0.28)
0.050 (1.27)
TYP
0.244 (6.19)
0.224 (5.69)
0.143 (3.63)
0.123 (3.13)
0.008 (0.20)
0.003 (0.08)
0.010 (0.25)
0.006 (0.16)
0.164 (4.16)
0.144 (3.66)
0.019 [0.48]
Pin 1
NOTE
All dimensions are in inches (millimeters)
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
 2001 Fairchild Semiconductor Corporation
DS300393
2/28/01
1 OF 9
www.fairchildsemi.com


Similar Part No. - HCPL-0500

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-0500 HP-HCPL-0500 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0500 AVAGO-HCPL-0500 Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers TTL compatible
HCPL-0500 AVAGO-HCPL-0500 Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers High density packaging
HCPL-0500 AVAGO-HCPL-0500 Datasheet
691Kb / 17P
   HCPL-2502/0500/0501 Single Channel, High Speed Optocouplers
HCPL-0500 AVAGO-HCPL-0500 Datasheet
444Kb / 16P
   Single Channel, High Speed Optocouplers
More results

Similar Description - HCPL-0500

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
logo
QT Optoelectronics
6N135 QT-6N135 Datasheet
169Kb / 9P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com