Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJU7241F29 Datasheet(PDF) 5 Page - New Japan Radio

Part # NJU7241F29
Description  High-Precision LDO 60mA C-MOS Voltage Regulator with Standby
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJU7241F29 Datasheet(HTML) 5 Page - New Japan Radio

  NJU7241F29 Datasheet HTML 1Page - New Japan Radio NJU7241F29 Datasheet HTML 2Page - New Japan Radio NJU7241F29 Datasheet HTML 3Page - New Japan Radio NJU7241F29 Datasheet HTML 4Page - New Japan Radio NJU7241F29 Datasheet HTML 5Page - New Japan Radio NJU7241F29 Datasheet HTML 6Page - New Japan Radio NJU7241F29 Datasheet HTML 7Page - New Japan Radio NJU7241F29 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NJU7241 Series
•V
O=3.3V
(CIN=0.1
µF, C
O=10
µF, Ta=25°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
VIN=4.3V, IO=30mA
3.234
3.300
3.366
V
Dropout Voltage
∆V
IO
IO=60mA
0.2
0.3
V
Input Voltage
VIN
14
V
Operating Current
IDD1
VIN=4.3V, VSTB=VIN, No Load
20
40
µA
Standby Current
IDD2
VIN=4.3V, VSTB=GND
0.1
1.0
µA
Input Current
ISTB
VIN=4.3V, VSTB=VIN
1.8
3.6
µA
Load Regulation
∆V
O/
∆I
O
VIN=4.3V, 1mA≦IO≦60mA
35
120
mV
Line Regulation
∆V
O/
∆V
IN
VIN=4.3V
∼12V
0.10
%/V
Ripple Rejection
RR
VIN=4.3V, ein=0.5Vp-p, 1kHz
55
dB
H Level Input Voltage
VSTBH
1.5
VIN
V
L Level Input Voltage
VSTBL
0
0.25
V
•V
O=3.4V
(CIN=0.1
µF, C
O=10
µF, Ta=25°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
VIN=4.4V, IO=30mA
3.332
3.400
3.468
V
Dropout Voltage
∆V
IO
IO=60mA
0.2
0.3
V
Input Voltage
VIN
14
V
Operating Current
IDD1
VIN=4.4V, VSTB=VIN, No Load
20
40
µA
Standby Current
IDD2
VIN=4.4V, VSTB=GND
0.1
1.0
µA
Input Current
ISTB
VIN=4.4V, VSTB=VIN
1.9
3.8
µA
Load Regulation
∆V
O/
∆I
O
VIN=4.4V, 1mA≦IO≦60mA
35
120
mV
Line Regulation
∆V
O/
∆V
IN
VIN=4.4V
∼12V
0.10
%/V
Ripple Rejection
RR
VIN=4.4V, ein=0.5Vp-p, 1kHz
55
dB
H Level Input Voltage
VSTBH
1.5
VIN
V
L Level Input Voltage
VSTBL
0
0.25
V
•V
O=3.5V
(CIN=0.1
µF, C
O=10
µF, Ta=25°C)
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
VIN=4.5V, IO=30mA
3.430
3.500
3.570
V
Dropout Voltage
∆V
IO
IO=60mA
0.2
0.3
V
Input Voltage
VIN
14
V
Operating Current
IDD1
VIN=4.5V, VSTB=VIN, No Load
20
40
µA
Standby Current
IDD2
VIN=4.5V, VSTB=GND
0.1
1.0
µA
Input Current
ISTB
VIN=4.5V, VSTB=VIN
2.0
4.0
µA
Load Regulation
∆V
O/
∆I
O
VIN=4.5V, 1mA≦IO≦60mA
35
120
mV
Line Regulation
∆V
O/
∆V
IN
VIN=4.5V
∼12V
0.10
%/V
Ripple Rejection
RR
VIN=4.5V, ein=0.5Vp-p, 1kHz
55
dB
H Level Input Voltage
VSTBH
1.5
VIN
V
L Level Input Voltage
VSTBL
0
0.25
V


Similar Part No. - NJU7241F29

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7200 NJRC-NJU7200 Datasheet
193Kb / 7P
   SUPER LOW OPERATING CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
NJU7200L10 NJRC-NJU7200L10 Datasheet
193Kb / 7P
   SUPER LOW OPERATING CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
NJU7200L11 NJRC-NJU7200L11 Datasheet
193Kb / 7P
   SUPER LOW OPERATING CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
NJU7200L12 NJRC-NJU7200L12 Datasheet
193Kb / 7P
   SUPER LOW OPERATING CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
NJU7200L15 NJRC-NJU7200L15 Datasheet
193Kb / 7P
   SUPER LOW OPERATING CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
More results

Similar Description - NJU7241F29

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9022 RICHTEK-RT9022 Datasheet
148Kb / 11P
   High Voltage, Low Quiescent, 60mA LDO Regulator
logo
New Japan Radio
NJU7221 NJRC-NJU7221 Datasheet
180Kb / 5P
   HIGH PRECISION C MOS 3 TERMINAL VOLTAGE REGULATOR
NJU7231 NJRC-NJU7231 Datasheet
127Kb / 5P
   High Precision C-MOS 3-Terminal Voltage Regulator
logo
ELM Technology Corporat...
ELM89121BC-S ELM-TECH-ELM89121BC-S Datasheet
190Kb / 21P
   MOS 300mA LDO Voltage regulator
logo
Micrel Semiconductor
MIC3385 MICREL-MIC3385_10 Datasheet
558Kb / 14P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
MIC3385 MICREL-MIC3385_15 Datasheet
547Kb / 15P
   8MHz Inductorless Buck Regulator with LDO Standby Mode
logo
List of Unclassifed Man...
NJU7222 ETC1-NJU7222 Datasheet
87Kb / 2P
   HIGH PRECISION AND HIGH OUTPUT CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
logo
New Japan Radio
NJU7222 NJRC-NJU7222 Datasheet
118Kb / 2P
   HIGH PRECISION AND HIGH OUTPUT CURRENT C-MOS 3-TERMINAL VOLTAGE REGULATOR
Ver.2007-02-14
logo
Micrel Semiconductor
MIC2245 MICREL-MIC2245 Datasheet
564Kb / 14P
   4MHz PWM Synchronous Buck Regulator with LDO Standby Mode
MIC2205 MICREL-MIC2205 Datasheet
453Kb / 16P
   2MHz PWM Synchronous Buck Regulator with LDO Standby Mode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com