Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16141P Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HA16141P
Description  PFC and PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16141P Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HA16141P Datasheet HTML 6Page - Hitachi Semiconductor HA16141P Datasheet HTML 7Page - Hitachi Semiconductor HA16141P Datasheet HTML 8Page - Hitachi Semiconductor HA16141P Datasheet HTML 9Page - Hitachi Semiconductor HA16141P Datasheet HTML 10Page - Hitachi Semiconductor HA16141P Datasheet HTML 11Page - Hitachi Semiconductor HA16141P Datasheet HTML 12Page - Hitachi Semiconductor HA16141P Datasheet HTML 13Page - Hitachi Semiconductor HA16141P Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
HA16141P/FP, HA16142P/FP
Rev.4, Sep. 2001, page 10 of 18
Internal Timing
1. UVLO
VCC
VREF
VREF GOOD
(internal signal)
5V
0V
0V
13V
10V
4.6V
System Enable
2. Oscillator, Gate driver output
Reference
triangle wave CT
200 kHz
(internal signal)
Note: All numeric values in the figure are typical values.
PWM-RES
(internal signal)
PFC-DT
(internal signal)
PFC triangle wave
Ramp
100 kHz
(internal signal)
PFC current amp.
output
CAO
PWM current sense
PWM-CS
PWM-OUT
(Trailing Edge control)
PFC-OUT
(Leading Edge control)
3.2V
1.6V
3.4V
0.65V
PWM voltage feedback
(internal signal)


Similar Part No. - HA16141P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16141P RENESAS-HA16141P Datasheet
213Kb / 20P
   PFC and PWM Controller
Preliminary Rev.4 Sep. 2001
HA16141P RENESAS-HA16141P Datasheet
363Kb / 18P
   PFC and PWM Controller
HA16141P RENESAS-HA16141P_05 Datasheet
363Kb / 18P
   PFC and PWM Controller
More results

Similar Description - HA16141P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16141P RENESAS-HA16141P_05 Datasheet
363Kb / 18P
   PFC and PWM Controller
HA16142FP RENESAS-HA16142FP Datasheet
213Kb / 20P
   PFC and PWM Controller
Preliminary Rev.4 Sep. 2001
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4803CP2 FAIRCHILD-FAN4803CP2 Datasheet
116Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4803CP1 FAIRCHILD-FAN4803CP1 Datasheet
109Kb / 12P
   8-Pin PFC and PWM Controller Combo
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
ML4803 FAIRCHILD-ML4803 Datasheet
133Kb / 12P
   8-Pin PFC and PWM Controller Combo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com