Electronic Components Datasheet Search |
|
NJU7241F36 Datasheet(PDF) 1 Page - New Japan Radio |
|
NJU7241F36 Datasheet(HTML) 1 Page - New Japan Radio |
1 / 8 page NJU7241 Series High-Precision LDO 60mA C-MOS Voltage Regulator with Standby s s s s GENERAL DESCRIPTION The NJU7241 series are high precision ±2%, 60mA output, C-MOS voltage regulators with standby function, which contains internal accurate voltage reference, error amplifier, control transistor, output voltage setting resistor, short current protection circuit and standby circuit. The fixed regulation voltages of internal circuits are as following line-up. The NJU7241 series packed MTP5 and suitable for battery-operated items, battery back-up systems, and es- pecially control block of cellular phone system because of low operating current and low dropout voltage. s s s s PACKAGE OUTLINE NJU7241F s s s s FEATURES • High Precision Output Voltage • Low Operating Current • Low Standby Current • Low Dropout Voltage • Ripple Rejection • Standby Function ±2% 20 µA typ. 0.1 µA typ. 0.2V typ. VOUT=3V 55dB typ. @1kHz • Small Temperature Coefficient of Output Voltage • Wide Operating Voltage Range • Package Outline • C-MOS Technology MTP-5 s s s s OUTPUT VOLTAGE LINE-UP Output Voltage Type Output Voltage Type 1.8V NJU7241F18 3.4V NJU7250F34 2.4V NJU7241F24 3.5V NJU7241F35 2.5V NJU7241F25 3.6V NJU7241F36 2.55V NJU7241F255 4.0V NJU7241F40 2.8V NJU7241F28 4.5V NJU7241F45 2.85V NJU7241F285 5.0V NJU7241F50 2.9V NJU7241F29 5.9V NJU7241F59 3.0V NJU7241F30 6.0V NJU7241F60 3.3V NJU7250F33 - - Planning Voltage: 2.4V, 3.5V, 3.6V, 4.0V and 6.0V s s s s TERMINAL DESCRIPTION s s s s PIN CONFIGURATION No. Symbol Function 1 GND GND 2 VIN Input 3 VOUT Output 4 NC None Connection 5 STB Standby: Internal Pull-down H: Regulation L: Standby, Output off 1 5 2 3 4 |
Similar Part No. - NJU7241F36 |
|
Similar Description - NJU7241F36 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |