Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTB45N06T4 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTB45N06T4
Description  Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTB45N06T4 Datasheet(HTML) 3 Page - ON Semiconductor

  NTB45N06T4 Datasheet HTML 1Page - ON Semiconductor NTB45N06T4 Datasheet HTML 2Page - ON Semiconductor NTB45N06T4 Datasheet HTML 3Page - ON Semiconductor NTB45N06T4 Datasheet HTML 4Page - ON Semiconductor NTB45N06T4 Datasheet HTML 5Page - ON Semiconductor NTB45N06T4 Datasheet HTML 6Page - ON Semiconductor NTB45N06T4 Datasheet HTML 7Page - ON Semiconductor NTB45N06T4 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTP45N06, NTB45N06
http://onsemi.com
3
70
60
50
90
40
30
20
10
0
80
0.032
0.03
0.028
0.026
0.024
0.022
0.02
0.018
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
VGS, GATE–TO–SOURCE VOLTAGE (VOLTS)
ID, DRAIN CURRENT (AMPS)
ID, DRAIN CURRENT (AMPS)
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN–TO–SOURCE VOLTAGE (VOLTS)
2.2
1.8
1.4
1.6
1.2
1
0.6
100
10
1000
10000
0
70
3
60
2
1
50
Figure 1. On–Region Characteristics
Figure 2. Transfer Characteristics
0
0.05
0.042
0.034
40
30
20
0.026
0.018
0.01
10
50
60
90
Figure 3. On–Resistance vs. Gate–to–Source
Voltage
Figure 4. On–Resistance vs. Drain Current and
Gate Voltage
Figure 5. On–Resistance Variation with
Temperature
Figure 6. Drain–to–Source Leakage Current
vs. Voltage
90
–50
50
25
0
–25
75
125
100
35
8
4.5
4
3.5
030
40
20
10
50
60
40
30
20
10
0
6
70
0
40
30
20
10
50
60
90
70
175
150
0.8
80
4
5
5.5
6
6.5
7
7.5
VGS = 8 V
VDS > = 10 V
TJ = 25°C
TJ = –55°C
TJ = 100°C
TJ = 25°C
TJ = –55°C
TJ = 100°C
VGS = 10 V
VGS = 10 V
VGS = 0 V
TJ = 150°C
TJ = 100°C
TJ = 125°C
ID = 22.5 A
VGS = 10 V
VGS = 10 V
VGS = 7.5 V
VGS = 7 V
VGS = 6 V
VGS = 5.5 V
VGS = 5 V
VGS = 4.5 V
VGS = 6.5 V
80
80
VGS = 15 V
2
VGS = 9 V


Similar Part No. - NTB45N06T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB45N06T4 ONSEMI-NTB45N06T4 Datasheet
64Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
March, 2001 ??Rev. 0
NTB45N06T4G ONSEMI-NTB45N06T4G Datasheet
148Kb / 7P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
NTB45N06T4G ONSEMI-NTB45N06T4G Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
More results

Similar Description - NTB45N06T4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB45N06T4G ONSEMI-NTB45N06T4G Datasheet
66Kb / 8P
   Power MOSFET 45 Amps, 60 Volts N?밅hannel TO??20 and D2PAK
March, 2001 ??Rev. 0
NTB45N06G ONSEMI-NTB45N06G Datasheet
86Kb / 7P
   Power MOSFET 45 Amps, 60 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 1
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTP45N06L ONSEMI-NTP45N06L Datasheet
87Kb / 8P
   45 Amps, 60 Volts, Logic Level, N?묬hannel TO??20 and D2PAK
August, 2004 ??Rev. 1
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
   Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
logo
Unisonic Technologies
UTD3055 UTC-UTD3055 Datasheet
144Kb / 4P
   POWER MOSFET 12 AMPS, 60 VOLTS N?밅HANNEL DPAK
logo
ON Semiconductor
NTB5412N ONSEMI-NTB5412N Datasheet
123Kb / 7P
   Power MOSFET 60 Amps, 60 Volts N-Channel D2PAK, TO-220
November, 2008 ??Rev. 1
NTP75N06 ONSEMI-NTP75N06_V01 Datasheet
176Kb / 9P
   Power MOSFET 75 Amps, 60 Volts, N−Channel TO−220 and D2PAK
December, 2012 - Rev. 3
NTP27N06 ONSEMI-NTP27N06 Datasheet
83Kb / 12P
   Power MOSFET 27 Amps, 60 Volts N-Channel TO-220 and D2PAK
August, 2001 ??Rev. 2
NTB45N06L ONSEMI-NTB45N06L_11 Datasheet
148Kb / 8P
   Power MOSFET 45 Amps, 60 Volts
October, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com