Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3216X5R0J226M Datasheet(PDF) 7 Page - TDK Electronics

Part # C3216X5R0J226M
Description  General Multilayer Ceramic Chip Capacitors C Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216X5R0J226M Datasheet(HTML) 7 Page - TDK Electronics

Back Button C3216X5R0J226M Datasheet HTML 3Page - TDK Electronics C3216X5R0J226M Datasheet HTML 4Page - TDK Electronics C3216X5R0J226M Datasheet HTML 5Page - TDK Electronics C3216X5R0J226M Datasheet HTML 6Page - TDK Electronics C3216X5R0J226M Datasheet HTML 7Page - TDK Electronics C3216X5R0J226M Datasheet HTML 8Page - TDK Electronics C3216X5R0J226M Datasheet HTML 9Page - TDK Electronics C3216X5R0J226M Datasheet HTML 10Page - TDK Electronics C3216X5R0J226M Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
(7/15)
002-05 / 20041014 / e412_c
• All specifications are subject to change without notice.
C2012 (EIA CC0805) TYPE
SHAPES AND DIMENSIONS
CAPACITANCE RANGES: CLASS 1
TEMPERATURE CHARACTERISTICS:
JIS CH(0±60ppm/°C), EIA C0G(0±30ppm/°C)
RATED VOLTAGE Edc: 50V
RATED VOLTAGE Edc: 25V
• Part number for temperature characteristic C0G
Please substitute "C0G" for "CH" in the part number when ordering.
TEMPERATURE CHARACTERISTICS:
JIS SL(+350 to –1000ppm/°C)
RATED VOLTAGE Edc: 10V
• For more information about the products of other capacitance or data,
please contact us.
CAPACITANCE RANGES: CLASS 2
TEMPERATURE CHARACTERISTICS:
JIS B(BJ)(±10%), EIA X5R/X7R(±15%)
RATED VOLTAGE Edc: 50V
RATED VOLTAGE Edc: 25V
RATED VOLTAGE Edc: 16V
• Part number for temperature characteristic X5R or X7R
Please substitute "X5R" or "X7R" for "JB" in the part number when
ordering.
TEMPERATURE CHARACTERISTICS:
JIS B(BJ)(±10%), EIA X5R(±15%)
RATED VOLTAGE Edc: 10V
RATED VOLTAGE Edc: 6.3V
• Part number for temperature characteristic X5R
Please substitute "X5R" for "JB" in the part number when ordering.
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
2,700
±5%
0.6±0.1
C2012CH1H272J
3,300
±5%
0.6±0.1
C2012CH1H332J
3,900
±5%
0.85±0.15
C2012CH1H392J
4,700
±5%
0.85±0.15
C2012CH1H472J
5,600
±5%
0.85±0.15
C2012CH1H562J
6,800
±5%
1.25±0.2
C2012CH1H682J
8,200
±5%
1.25±0.2
C2012CH1H822J
10,000
±5%
1.25±0.2
C2012CH1H103J
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
3,900
±5%
0.6±0.1
C2012CH1E392J
4,700
±5%
0.6±0.1
C2012CH1E472J
5,600
±5%
0.6±0.1
C2012CH1E562J
6,800
±5%
0.6±0.1
C2012CH1E682J
8,200
±5%
0.6±0.1
C2012CH1E822J
10,000
±5%
0.6±0.1
C2012CH1E103J
15,000
±5%
0.85±0.15
C2012CH1E153J
22,000
±5%
1.25±0.2
C2012CH1E223J
33,000
±5%
1.25±0.2
C2012CH1E333J
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
33,000
±5%
0.6±0.1
C2012SL1A333J
47,000
±5%
0.85±0.15
C2012SL1A473J
68,000
±5%
1.25±0.2
C2012SL1A683J
100,000
±5%
1.25±0.2
C2012SL1A104J
0.2min.
2.0
±0.2
Dimensions in mm
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
150,000
±10%
1.25±0.2
C2012JB1H154K
±20%
1.25±0.2
C2012JB1H154M
220,000
±10%
1.25±0.2
C2012JB1H224K
±20%
1.25±0.2
C2012JB1H224M
330,000
±10%
1.25±0.2
C2012JB1H334K
±20%
1.25±0.2
C2012JB1H334M
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
470,000
±10%
1.25±0.2
C2012JB1E474K
±20%
1.25±0.2
C2012JB1E474M
680,000
±10%
1.25±0.2
C2012JB1E684K
±20%
1.25±0.2
C2012JB1E684M
1,000,000
[1µF]
±10%
1.25±0.2
C2012JB1E105K
±20%
1.25±0.2
C2012JB1E105M
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
1,500,000
[1.5µF]
±10%
1.25±0.2
C2012JB1C155K
±20%
1.25±0.2
C2012JB1C155M
2,200,000
±10%
1.25±0.2
C2012JB1C225K
±20%
1.25±0.2
C2012JB1C225M
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
3,300,000
[3.3µF]
±10%
1.25±0.2
C2012JB1A335K
±20%
1.25±0.2
C2012JB1A335M
4,700,000
±10%
1.25±0.2
C2012JB1A475K
±20%
1.25±0.2
C2012JB1A475M
Capacitance
(pF)
Tolerance
Thickness T
(mm)max.
Part number
6,800,000
[6.8µF]
±10%
1.25±0.2
C2012JB0J685K
±20%
1.25±0.2
C2012JB0J685M
10,000,000
±10%
1.25±0.2
C2012JB0J106K
±20%
1.25±0.2
C2012JB0J106M
15,000,000
±20%
1.25±0.2
C2012JB0J156M
22,000,000
±20%
1.25±0.2
C2012JB0J226M


Similar Part No. - C3216X5R0J226M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
C3216X5R0J226M AD-C3216X5R0J226M Datasheet
690Kb / 28P
   1.2 A, 20 V, 700 kHz/1.4 MHz, Nonsynchronous Step-Down Regulator
REV. 0
logo
National Semiconductor ...
C3216X5R0J226M NSC-C3216X5R0J226M Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
logo
Analog Devices
C3216X5R0J226M AD-C3216X5R0J226M Datasheet
658Kb / 44P
   Tiny I2C Programmable Linear Battery Charger
REV. 0
logo
TDK Electronics
C3216X5R0J226M085AC TDK-C3216X5R0J226M085AC Datasheet
138Kb / 1P
   Commercial Grade ( General (Up to 50V) )
C3216X5R0J226M085AC TDK-C3216X5R0J226M085AC_17 Datasheet
232Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C3216X5R0J226M

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X5R1A475K TDK-C3216X5R1A475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
C02E MURATA1-C02E_V01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
logo
TDK Electronics
C3216X7R1E475K TDK-C3216X7R1E475K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C3216X7R1C474K TDK-C3216X7R1C474K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com