Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-61003 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # PE-61003
Description  2Watt Pulse, Electrostatically Shielded
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-61003 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  PE-61003 Datasheet HTML 1Page - Pulse A Technitrol Company PE-61003 Datasheet HTML 2Page - Pulse A Technitrol Company PE-61003 Datasheet HTML 3Page - Pulse A Technitrol Company PE-61003 Datasheet HTML 4Page - Pulse A Technitrol Company PE-61003 Datasheet HTML 5Page - Pulse A Technitrol Company PE-61003 Datasheet HTML 6Page - Pulse A Technitrol Company PE-61003 Datasheet HTML 7Page - Pulse A Technitrol Company PE-61003 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
G008.A (2/00)
Designed for use in 50
Ω Wideband
IC applications
Characterized for Pulse and wide
band use at 50
Ω impedance
Standard 6-pin DIP package or
ThinSet surface mount package
GENERAL PURPOSE
TRANSFORMERS
RF Pulse
Schematics
1 2 3
64
5
6 5 4
13
64
13
6 5 4
13
2
Turns
Primary
Primary
PRI/SEC
PRI/SEC
Primary
Secondary
Bandwidth
Schematic/
Part
Ratio
Pulse
ET-
Cww
Leakage
DCR
DCR
for -3 dB Loss
Package
Number
(±5%)
Inductance
Constant
(pF MAX)
Inductance
(
Ω MAX)
(
Ω MAX)
Low Freq High Freq
Style
(µH MIN)
(v-µS MIN)
(µH MAX)
(MHz)
(MHz)
SURFACE MOUNT*
PE-65457
1CT:1CT
80
2.5
15
0.18
0.20
0.20
0.05
90
A / SMT1
PE-65459
1CT:2CT
40
2.0
15
0.14
0.20
0.30
0.05
110
A / SMT1
23Z247SMD
1:1CT
80
2.5
15
0.18
0.20
0.20
0.05
90
B / SMT2
THROUGH HOLE
PE-62245A
1:1
40
2.5
12
0.15
0.20
0.20
0.05
110
C / TH10
PE-62246A
1CT:1CT
40
2.5
15
0.18
0.20
0.20
0.05
90
D / TH10
PE-62250A
1:2CT
25
2.0
15
0.14
0.20
0.30
0.10
110
B / TH10
PE-62252A
1: 2CT
40
2.5
18
0.20
0.20
0.30
0.05
80
B / TH10
PE-62254A
1:4CT
10
1.25
10
0.10
0.20
0.60
0.20
60
B / TH10
*NOTE:
To order Tape & Reel packaging for surface mount parts, add the suffix “T” to the part number. (Example: PE-65457T). The “T” will appear on all
paper work, but will not be marked on parts.
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
A
B
C
D
U.S: 858 674 8100
• U.K: 44 1483 401 700 • France: 33 3 84 35 04 04 • Singapore: 65 287 8998 •• Taiwan: 886 2 2698 0228 • http://www.pulseeng.com


Similar Part No. - PE-61003

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-61003 PULSE-PE-61003 Datasheet
293Kb / 8P
   GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
More results

Similar Description - PE-61003

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-2227X PULSE-PE-2227X Datasheet
293Kb / 8P
   GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
logo
AIMTEC
AME2-AZ AIMTEC-AME2-AZ_16 Datasheet
178Kb / 3P
   2Watt | AC-DC Converter
logo
Recom International Pow...
RI-XX33 RECOM-RI-XX33 Datasheet
91Kb / 2P
   2Watt SIP4 Single Output
logo
SCHOTT CORPORATION
22133 SCHOTT-22133 Datasheet
18Kb / 1P
   PULSE TRANSFORMER, 1 : 1 SHIELDED
logo
Winchester Electronics ...
SD1340-1 WINCHESTER-SD1340-1 Datasheet
63Kb / 1P
   BNC 50 2WATT TERMINAT10N M-F
logo
NXP Semiconductors
5083NW PHILIPS-5083NW Datasheet
278Kb / 10P
   Power Metal Film Resistor 2Watt
June 1995
logo
Frontier Electronics.
2ZS100B FRONTIER-2ZS100B Datasheet
121Kb / 2P
   2WATT SURFACE MOUNT ZENER DIODE
logo
CINCON ELECTRONICS Corp...
EC2SAN CINCON-EC2SAN Datasheet
180Kb / 2P
   2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
EC2SANH CINCON-EC2SANH Datasheet
363Kb / 2P
   2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039_1 Datasheet
77Kb / 3P
   2Watt C-Band VSAT Power Amplifier 5.9-7.1GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com