Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE-62246A Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part # PE-62246A
Description  2Watt Pulse, Electrostatically Shielded
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-62246A Datasheet(HTML) 7 Page - Pulse A Technitrol Company

  PE-62246A Datasheet HTML 1Page - Pulse A Technitrol Company PE-62246A Datasheet HTML 2Page - Pulse A Technitrol Company PE-62246A Datasheet HTML 3Page - Pulse A Technitrol Company PE-62246A Datasheet HTML 4Page - Pulse A Technitrol Company PE-62246A Datasheet HTML 5Page - Pulse A Technitrol Company PE-62246A Datasheet HTML 6Page - Pulse A Technitrol Company PE-62246A Datasheet HTML 7Page - Pulse A Technitrol Company PE-62246A Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
G008.A (2/00)
GENERAL PURPOSE
TRANSFORMERS
Control Transformers
Recognized component – Underwriter’s
Laboratories, Inc.
High dielectric strength capability
for industrial applications
High ET – product allows long
pulse width
*NOTE: PE-61001–PE-61023 Hi Pot SEC/SEC 300 Vrms. Average Power Rating: 2 Watts. UL-478 Recognized, File Number E52661.
Schematics
A
B
1
56
2
2 WINDING
1
36
3 WINDING
2
4
5
Part
Turns
Primary Sine
Primary
PRI/SEC
PRI/SEC
Primary
Secondary
Hi Pot*
Schematic/
Number
Ratio
Wave OCL
ET-Constant
Cww
Leakage
DCR
DCR
PRI/SEC
Package
(±10%)
(mH MIN)
(V-µs MIN)
(pF MAX)
Inductance
(
Ω MAX)
(
Ω MAX)
(Vrms)
Style
PE-61001
1:1
1.0
360
30
15.0
2.8
3.1
1600
A/TH11
PE-61003
2:1
0.2
180
24
5.0
1.4
0.9
1600
A/TH11
PE-61006
1:1:1
0.2
180
30
5.0
1.5
1600
B/TH11
PE-61007
1:1:1
1.0
360
36
12.0
2.8
3.6
1600
B/TH11
PE-61008
1:1:1
5.0
866
42
80.0
6.0
7.2
1600
B/TH11
PE-61014
1:1
1.0
700
36
26.0
3.0
3.2
2400
A/TH12
PE-61015
1:1
5.0
1500
42
130.0
6.3
7.0
2400
A/TH12
PE-61017
2:1
1.0
700
36
24.0
3.0
2.0
2400
A/TH12
PE-61018
2:1
5.0
1500
42
125.0
6.3
4.0
2400
A/TH12
PE-61019
1:1:1
0.2
290
34
4.7
1.4
1.5
2400
B/TH12
PE-61023
2:1:1
1.0
700
40
27.0
3.0
2.0
2400
B/TH12
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
U.S: 858 674 8100
• U.K: 44 1483 401 700 • France: 33 3 84 35 04 04 • Singapore: 65 287 8998 •• Taiwan: 886 2 2698 0228 • http://www.pulseeng.com


Similar Part No. - PE-62246A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-62246A PULSE-PE-62246A Datasheet
293Kb / 8P
   GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
More results

Similar Description - PE-62246A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-2227X PULSE-PE-2227X Datasheet
293Kb / 8P
   GENERAL PURPOSE TRANSFORMERS 2 Watt Pulse, Electrostatically Shielded, 500 mW Pulse, RF Pulse, and Control Transformers
logo
AIMTEC
AME2-AZ AIMTEC-AME2-AZ_16 Datasheet
178Kb / 3P
   2Watt | AC-DC Converter
logo
Recom International Pow...
RI-XX33 RECOM-RI-XX33 Datasheet
91Kb / 2P
   2Watt SIP4 Single Output
logo
SCHOTT CORPORATION
22133 SCHOTT-22133 Datasheet
18Kb / 1P
   PULSE TRANSFORMER, 1 : 1 SHIELDED
logo
Winchester Electronics ...
SD1340-1 WINCHESTER-SD1340-1 Datasheet
63Kb / 1P
   BNC 50 2WATT TERMINAT10N M-F
logo
NXP Semiconductors
5083NW PHILIPS-5083NW Datasheet
278Kb / 10P
   Power Metal Film Resistor 2Watt
June 1995
logo
Frontier Electronics.
2ZS100B FRONTIER-2ZS100B Datasheet
121Kb / 2P
   2WATT SURFACE MOUNT ZENER DIODE
logo
CINCON ELECTRONICS Corp...
EC2SAN CINCON-EC2SAN Datasheet
180Kb / 2P
   2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
EC2SANH CINCON-EC2SANH Datasheet
363Kb / 2P
   2WATT, UNREGULATED OUTPUT DC-DC CONVERTERS
logo
Tyco Electronics
AM42-0039 MACOM-AM42-0039_1 Datasheet
77Kb / 3P
   2Watt C-Band VSAT Power Amplifier 5.9-7.1GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com