Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA6589 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGA6589
Description  MMIC wideband medium power amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA6589 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGA6589 Datasheet HTML 1Page - NXP Semiconductors BGA6589 Datasheet HTML 2Page - NXP Semiconductors BGA6589 Datasheet HTML 3Page - NXP Semiconductors BGA6589 Datasheet HTML 4Page - NXP Semiconductors BGA6589 Datasheet HTML 5Page - NXP Semiconductors BGA6589 Datasheet HTML 6Page - NXP Semiconductors BGA6589 Datasheet HTML 7Page - NXP Semiconductors BGA6589 Datasheet HTML 8Page - NXP Semiconductors BGA6589 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2003 Sep 19
3
Philips Semiconductors
Product specification
MMIC wideband medium power amplifier
BGA6589
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134)
Note
1. Ts is the temperature at the soldering point of pin 2.
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of pin 2.
STATIC CHARACTERISTICS
Tj =25 °C; VS =9V; Rbias =51 Ω; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VS
DC device voltage
RF input AC coupled
6V
IS
DC supply current
150
mA
Ptot
total power dissipation
Ts ≤ 70 °C; note 1
800
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
150
°C
PD
maximum drive power
15
dBm
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to solder point
Ts ≤ 70 °C note 1
100
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
IS
supply current
73
81
89
mA


Similar Part No. - BGA6589

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA6589 NXP-BGA6589 Datasheet
86Kb / 13P
   MMIC wideband medium power amplifier
Rev. 02-25 May 2009
BGA6589 NXP-BGA6589 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BGA6589

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGA6289 NXP-BGA6289 Datasheet
84Kb / 12P
   MMIC wideband medium power amplifier
Rev. 02-15 June 2009
BGA6489,135 NXP-BGA6489,135 Datasheet
86Kb / 13P
   MMIC wideband medium power amplifier
Rev. 02-15 June 2009
BGA6489 NXP-BGA6489 Datasheet
86Kb / 13P
   MMIC wideband medium power amplifier
Rev. 02-15 June 2009
BGA6589 NXP-BGA6589 Datasheet
86Kb / 13P
   MMIC wideband medium power amplifier
Rev. 02-25 May 2009
BGA6489 PHILIPS-BGA6489 Datasheet
82Kb / 12P
   MMIC wideband medium power amplifier
2003 Sep 18
BGA6289 PHILIPS-BGA6289 Datasheet
84Kb / 12P
   MMIC wideband medium power amplifier
2003 Sep 18
logo
NEC
UPC2762T NEC-UPC2762T Datasheet
144Kb / 6P
   3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
logo
NXP Semiconductors
BGA2712 PHILIPS-BGA2712 Datasheet
83Kb / 12P
   MMIC wideband amplifier
2002 Sep 10
BGA2717 PHILIPS-BGA2717 Datasheet
86Kb / 14P
   MMIC wideband amplifier
Rev. 02-24 September 2004
BGM1011 PHILIPS-BGM1011 Datasheet
125Kb / 11P
   MMIC wideband amplifier
2002 Jan 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com