Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4421CN Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL4421CN
Description  Multiplexed-Input Video Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4421CN Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL4421CN Datasheet HTML 1Page - Elantec Semiconductor EL4421CN Datasheet HTML 2Page - Elantec Semiconductor EL4421CN Datasheet HTML 3Page - Elantec Semiconductor EL4421CN Datasheet HTML 4Page - Elantec Semiconductor EL4421CN Datasheet HTML 5Page - Elantec Semiconductor EL4421CN Datasheet HTML 6Page - Elantec Semiconductor EL4421CN Datasheet HTML 7Page - Elantec Semiconductor EL4421CN Datasheet HTML 8Page - Elantec Semiconductor EL4421CN Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
EL4421C22C41C42C43C44C
Multiplexed-Input Video Amplifiers
Closed-Loop AC Electrical Characteristics
Power supplies at g5V TA
25 C for EL4421 EL4441 and EL4443 AV
a
1 and RL
500
X for EL4422 EL4442 and EL4444
AV
a
2 and RL
150
X with RF
RG
270
X and CF
3 pF for all CL
15 pF
Contd
Parameter
Description
Min
Typ
Max
Test
Units
Level
dO
Differential Phase Error VOFFSET between b07V and a07V
EL4421 EL4441 EL4443 (VS
g
12V)
001
V
EL4421 EL4441 EL4443 (VS
g
5V)
01
V
EL4422 EL4442 EL4444 (VS
g
12V)
002
V
EL4422 EL4442 EL4444 (VS
g
5V)
015
V
TMUX
Multiplex Delay Time Logic Threshold to 50% Signal Change
EL4421 ’22
8
V
nsec
EL4441 ’42 ’43 ’44
12
V
nsec
VGLITCH
Peak Multiplex Glitch
EL4421 ’22
70
V
mV
EL4441 ’42 ’43 ’44
100
V
mV
ISO
Channel Off Isolation at 358 MHz (See Text)
EL4421 EL4441 EL4443
76
V
dB
EL4422 EL4442 EL4444
63
V
dB
Typical Performance Curves
VS
g
5V RL
500X
Small-Signal Transient Response
EL4421 EL4441 and EL4443
4421 5
VS
g
12V RL
500X
Large-Signal Response
EL4421 EL4441 and EL4443
4421 6
Various Gains
Frequency Response for
EL4421 EL4441 and EL4443
4421 7
Frequency Response for
EL4422 EL4442 and EL4444
Various Gains
4421 8
4


Similar Part No. - EL4421CN

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL440A EVERLIGHT-EL440A Datasheet
1Mb / 14P
   GENERAL PURPOSE SOLID STATE RELAY 4PIN DIP TYPE FORM A SSR
logo
Elantec Semiconductor
EL4430 ELANTEC-EL4430 Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
   Video Instrumentation Amplifiers
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
EL4430CN ELANTEC-EL4430CN Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
More results

Similar Description - EL4421CN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4137 MAXIM-MAX4137 Datasheet
109Kb / 12P
   1-Input/4-Output Video Distribution Amplifiers
Rev 0; 6/96
MAX4135 MAXIM-MAX4135 Datasheet
113Kb / 12P
   1-Input/6-Output Video Distribution Amplifiers
19-1092; Rev 0; 6/96
logo
Texas Instruments
74LS606 TI-74LS606 Datasheet
285Kb / 8P
[Old version datasheet]   OCTAL 2 INPUT MULTIPLEXED LATES
logo
Intersil Corporation
EL4430 INTERSIL-EL4430 Datasheet
185Kb / 10P
   Video Instrumentation Amplifiers
logo
Elantec Semiconductor
EL4430C ELANTEC-EL4430C Datasheet
311Kb / 12P
   Video Instrumentation Amplifiers
logo
Texas Instruments
UA733 TI-UA733_07 Datasheet
592Kb / 17P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
UA733C TI1-UA733C Datasheet
905Kb / 21P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
UA733 TI-UA733 Datasheet
486Kb / 16P
[Old version datasheet]   DIFFERENTIAL VIDEO AMPLIFIERS
logo
Maxim Integrated Produc...
MAX9657 MAXIM-MAX9657 Datasheet
278Kb / 15P
   Quad Video (Filter) Amplifiers with Input Sync-Tip Clamps
Rev 0; 2/09
logo
STMicroelectronics
BF457 STMICROELECTRONICS-BF457 Datasheet
65Kb / 3P
   HIGH VOLTAGE VIDEO AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com