Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNA1601M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # PNA1601M
Description  Silicon NPN Phototransistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

PNA1601M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  PNA1601M Datasheet HTML 1Page - Panasonic Semiconductor PNA1601M Datasheet HTML 2Page - Panasonic Semiconductor PNA1601M Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
PNA1601M (PN166)
Silicon NPN Phototransistor
For optical control systems
Features
High sensitivity
Wide spectral sensitivity, suited for detecting various kinds of LEDs
Ultraminiature, thin side-view type package
Phototransistors
(Input pulse)
(Output pulse)
50
RL
td : Delay time
tr : Rise time (Time required for the collector photo current to
increase from 10% to 90% of its final value)
tf : Fall time (Time required for the collector photo current to
decrease from 90% to 10% of its initial value)
VCC
Sig.OUT
10%
90%
Sig.IN
td
tr
tf
2.6
±0.2
1.2
±0.2
0.8
C0.5
R0.55
(0.4)
1.4
±0.2
Unit : mm
1: Collector
2: Emitter
2-0.45
2-0.7
0.15
2.0
21
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Collector to emitter voltage
VCEO
20
V
Collector current
IC
20
mA
Collector power dissipation
PC
50
mW
Operating ambient temperature
Topr
–25 to +65
˚C
Storage temperature
Tstg
–30 to +85
˚C
Electro-Optical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Dark current
ICEO
VCE = 10V
0.2
µA
Sensitivity to infrared emitters
SIR*1
VCE = 10V, H = 15µW/cm2
3
µA
Peak sensitivity wavelength
λ
P
VCE = 10V
850
nm
Acceptance half angle
θ
Measured from the optical axis to the half power point
35
deg.
Rise time
tr*2
VCC = 10V, ICE(L) = 5mA
4
µs
Fall time
tf*2
RL = 100Ω
4
µs
Collector saturation voltage
VCE(sat)
ICE(L) = 10µA, H = 15µW/cm2
0.5
V
*1 Measurements were made using infrared light (
λ = 940 nm) as a light source.
*2 Switching time measuring circuit
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - PNA1601M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
More results

Similar Description - PNA1601M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN108CL PANASONIC-PN108CL Datasheet
63Kb / 3P
   Silicon NPN Phototransistor
PNZ163NC PANASONIC-PNZ163NC Datasheet
323Kb / 3P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
TEKT5400S VISHAY-TEKT5400S Datasheet
166Kb / 7P
   Silicon NPN Phototransistor
Rev. 1, 24-May-02
logo
Panasonic Semiconductor
PNZ1270 PANASONIC-PNZ1270 Datasheet
45Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
S350P VISHAY-S350P Datasheet
75Kb / 5P
   Silicon NPN Phototransistor
Rev. 2, 20-May-99
TEMT1000 VISHAY-TEMT1000 Datasheet
79Kb / 5P
   Silicon NPN Phototransistor
Rev. 4, 17-Feb-00
logo
Panasonic Semiconductor
PNZ121S PANASONIC-PNZ121S Datasheet
44Kb / 2P
   Silicon NPN Phototransistor
logo
Vishay Siliconix
BPW85 VISHAY-BPW85_14 Datasheet
105Kb / 6P
   Silicon NPN Phototransistor
Rev. 2.1, 04-Aug-14
T1070P VISHAY-T1070P_14 Datasheet
90Kb / 4P
   Silicon NPN Phototransistor
Rev. 1.7, 29-Sep-14
T1090P6 VISHAY-T1090P6 Datasheet
135Kb / 5P
   Silicon NPN Phototransistor
Rev. 1.0, 26-Sep-14
BPW17N VISHAY-BPW17N_08 Datasheet
91Kb / 5P
   Silicon NPN Phototransistor,
Rev. 1.7, 08-Sep-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com