Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B2RAB-GC Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B2RAB-GC
Description  General Specifications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B2RAB-GC Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  B2RAB-GC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B2RAB-GC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B2RAB-GC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B2RAB-GC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. B2RAB-GC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. B2RAB-GC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. B2RAB-GC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. B2RAB-GC Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Series B
Process Sealed Subminiature Antistatic Toggles
A15
A
www.nkkswitches.com
TOGGLES
.394” (10.0mm)
Bat
A
Standard Material & Finish: Brass with Bright Nickel
.248” (6.3mm)
Bat
J
A1 .315” (8.0mm) Bat with
Panel Seal Threaded Bushing
H
L
.248” (6.3mm) Flatted
Locking Lever
.394” (10.0mm)
Flatted
E
(2.6) Dia
.102
26°
(8.0)
.315
26°
(2.6) Dia
.102
(10.0)
.394
26°
(6.3)
.248
(2.6) Dia
.102
(2.7)
.106
26°
(1.6)
.063
(10.0)
.394
(2.6)
.102
26°
(6.3)
.248
(1.6)
.063
26°
(4.5) Dia
.177
(5.1) Dia
.201
(5.8)
.228
(5.9)
.232
(11.5)
.453
(12.5)
.492
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Up
Center
Down
Up
Center
Down
Note:
Terminal numbers are
not actually on the switch.
SP
B12
B13
B15
B1R
B18
B19
B1S
ON
ON
ON
(ON)
(ON)
ON
(ON)
NONE
OFF
NONE
NONE
OFF
OFF
OFF
ON
ON
(ON)
ON
(ON)
(ON)
ON
2-3
OPEN
2-1
SPDT
DP
B22
B23
B25
B2R
B28
B29
B2S
ON
ON
ON
(ON)
(ON)
ON
(ON)
NONE
OFF
NONE
NONE
OFF
OFF
OFF
ON
ON
(ON)
ON
(ON)
(ON)
ON
2-3 5-6
OPEN
2-1 5-4
DPDT
POLES & CIRCUITS
2 (COM)
1
3
Slot
Slot
4
6
1
3
25
(COM)


Similar Part No. - B2RAB-GC

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
B2RAB-GC OHMITE-B2RAB-GC Datasheet
258Kb / 8P
   General Specifications
More results

Similar Description - B2RAB-GC

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com