Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP100LC-8 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMP100LC-8
Description  TELECOM EQUIPMENT PROTECTION: TRISIL?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100LC-8 Datasheet(HTML) 3 Page - STMicroelectronics

  SMP100LC-8 Datasheet HTML 1Page - STMicroelectronics SMP100LC-8 Datasheet HTML 2Page - STMicroelectronics SMP100LC-8 Datasheet HTML 3Page - STMicroelectronics SMP100LC-8 Datasheet HTML 4Page - STMicroelectronics SMP100LC-8 Datasheet HTML 5Page - STMicroelectronics SMP100LC-8 Datasheet HTML 6Page - STMicroelectronics SMP100LC-8 Datasheet HTML 7Page - STMicroelectronics SMP100LC-8 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMP100LC-xxx
3/8
100
50
%IPP
t
t
r
p
0
t
Symbol
Parameter
Value
Unit
Ipp
Repetitive peak pulse current:
10/1000
µs
8/20
µs
10/560 µs
5/310 µs
10/160 µs
1/20 µs
2/10
µs
100
250
120
150
200
250
500
A
IFS
Fail-safe mode : maximum current (note 1)
8/20
µs5
kA
ITSM
Non repetitive surge peak on-state current
(Sinusoidal)
t = 20ms
t = 16.6ms
t = 0.2s
t=2s
55
60
25
12
A
I²t
I²t value for fusing
t = 16.6ms
t = 20ms
30
A²s
TL
Maximum lead temperature for soldering during 10s
260
°C
Tstg
Tj
Storage temperature range
Maximum junction temperature
-55to+150
150
°C
°C
Note 1: in fail safe mode, the device acts as a short circuit.
ABSOLUTE RATINGS (Tamb
= 25°C)
Type
IRM @VRM
max.
IR @VR
max.
Note 1
Dynamic
VBO @IBO
max.
max
Note 2
Static
VBO @IBO
max.
max
Note 3
IH
min.
Note 4
C
typ.
Note 5
C
typ.
Note 6
µAV
µA
V
V
mAVmA
mA
pF
pF
SMP100LC-8
2
6
50
825
800
15
800
50 (typ)
NA
75
SMP100LC-25
22
25
40
35
150
NA
65
SMP100LC-35
32
35
55
55
150
NA
55
SMP100LC-65
55
65
85
85
150
45
90
SMP100LC-90
81
90
120
125
150
40
80
SMP100LC-120
108
120
155
160
150
35
75
SMP100LC-140
120
140
185
190
150
30
65
SMP100LC-160
144
160
210
220
150
30
65
SMP100LC-200
170
200
265
275
150
30
60
SMP100LC-230
200
230
300
320
150
30
60
SMP100LC-270
230
262
350
370
150
30
60
Note 1:
IR measured at VR guarantee VBR min
≥ VR
Note 4:
See funtional holding current test circuit 3
Note 2:
See functional test circuit 1
Note 5:
VR = 50V bias, VRMS=1V, F=1MHz
Note 3:
See test circuit 2
Note 6:VR = 2V bias, VRMS=1V, F=1MHz
ELECTRICAL PARAMETERS (Tamb = 25°C)
Repetitive peak pulse current
tr: rise time (µs)
tp: pulse duration time (µs)
ex: Pulse waveform 10/1000µs
tr = 10µs
tp = 1000µs


Similar Part No. - SMP100LC-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100LC-8 STMICROELECTRONICS-SMP100LC-8 Datasheet
108Kb / 10P
   TRISILTM FOR TELECOM EQUIPMENT PROTECTION
SMP100LC-8 STMICROELECTRONICS-SMP100LC-8 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
More results

Similar Description - SMP100LC-8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL?
November 2002 - Ed: 3B
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
   TELECOM EQUIPMENT PROTECTION TRISIL
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
   TELECOM EQUIPMENT PROTECTION: TRISIL
November 2002 - Ed: 4B
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
   TRISIL??FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
SMP100MC STMICROELECTRONICS-SMP100MC_05 Datasheet
166Kb / 13P
   Trisil??for telecom equipment protection
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
   Trisil for telecom equipment protection
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
   Trisil??for telecom equipment protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com