Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3641 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3641
Description  Lithium-Ion Battery Pack Protection Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3641 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM3641 Datasheet HTML 4Page - National Semiconductor (TI) LM3641 Datasheet HTML 5Page - National Semiconductor (TI) LM3641 Datasheet HTML 6Page - National Semiconductor (TI) LM3641 Datasheet HTML 7Page - National Semiconductor (TI) LM3641 Datasheet HTML 8Page - National Semiconductor (TI) LM3641 Datasheet HTML 9Page - National Semiconductor (TI) LM3641 Datasheet HTML 10Page - National Semiconductor (TI) LM3641 Datasheet HTML 11Page - National Semiconductor (TI) LM3641 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Product Description (Continued)
NORMAL TERMINATION OF CHARGING
As you can see in
Figure 1, the cell voltage must exceed
V
MAX for 4 consecutive samples before the MOSFET pair is
turned OFF (1). Once V
MAX is exceeded, the sampling rate
increases to 4 Hz. The sampling rate will return to 1 Hz only
after 4 consecutive samples result in V
CELL < VMAX. After
the MOSFET pair is OFF (2), the voltage across the cell(s)
relax and the cell voltage will drop below V
MAX. On the next
sample, (3), the MOSFET pair will turn ON. As long as the
charger is applied and the MOSFET pair turn ON, the cell
voltage will exceed V
MAX again. The cycle of 4 samples ON
a 1 samples OFF will continue until the cell voltage equals
V
MAX after the MOSFET pair is OFF, (4). This example exag-
gerates the rate of these events. The actual operation would
result in many ON/OFF cycles at a decreasing duty cycle
prior to complete termination of charge. The cell bypass re-
sistor will discharge the cell enough to turn on the GATE over
a period of minutes.
NORMAL TERMINATION OF DISCHARGING
The cell voltage must go below V
MIN for 4 consecutive
samples before the MOSFET pair is turned OFF (1), which is
shown in
Figure 2. Once the MOSFET pair is OFF and the
current is interrupted, the voltage across the cell(s) will in-
crease and the cell voltage could exceed V
MIN (2). The
MOSFET pair remain off until a charger is applied to the
pack (3). The presence of a charger turns the MOSFET pair
ON. Deeply discharged cells will be charged, although for
some narrow bands of V
CELL, the GATE may occasionally
pulse OFF momentarily.
TERMINATION OF ILLEGALLY HIGH CHARGING
Should a high charge current be applied to the pack near the
end of charge, the cell voltage could exceed V
SAFE, which is
approximately 100 mV greater than V
MAX (1), see Figure 3.
On the first detection of a cell voltage in excess of V
SAFE-
OVERCHARGE
, the MOSFET pair will be turned OFF (2). The
sample rate increases to 4 Hz after the first detection of
V
CELL > VMAX. It is desirable under these circumstances for
the MOSFET pair to turn ON for only the shortest allowed
time period, which is 0.25 seconds. Each sample exceeding
V
SAFE causes the MOSFET pair to turn OFF (3). Should the
cell voltage not drop below V
MAX after the MOSFET pair turn
OFF, the MOSFET pair remain OFF (4). This example exag-
gerates the rate of these events. The actual operation would
result in many ON/OFF cycles at a decreasing duty cycle
prior to complete termination of charge.
LOAD APPLIED IN OVERCHARGED STATE
If a load is momentarily applied while the cell is in over-
charged state, then the MOSFET pair is momentarily turned
ON, see
Figure 4. The MOSFET pair will stay ON only as
long as the load is applied. The MOSFET pair will stay ON
after the load is removed only if the cell voltage remains be-
low V
MAX for 4 consecutive samples. Possible events are
shown as examples of operation:
(1) A momentary load is applied to an overcharged cell, the
MOSFET pair stay ON only as long as the load is applied.
The gate drive is limited so that the MOSFET pair ON volt-
age will match a bias voltage generated internal to the IC,
V
RECOVERY. This bias voltage is the minimum MOSFET ON
voltage that allows for the detection of a load. This mode of
operation is
Active Rectification. Note that the MOSFET pair
do not turn ON for the momentary application of a charger.
(2) A load is applied for less than 4 samples. The MOSFET
pair is ON for the load period, but turn OFF after the load is
removed. Only after the 4th sample of V
CELL < VMAX will the
MOSFET pair turn ON, this time will full drive potential.
(3) Assume the application of a charger. Conduction is al-
lowed because the FETs are ON, but the MOSFET pair will
stay ON only for 4 consecutive overcharge samples. See the
diagram for the “Normal Termination of Charging”.
(4) The MOSFET pair will turn OFF after the 4 consecutive
overcharge samples.
(5) A load is applied and after V
CELL < VMAX for 4 consecu-
tive samples, the MOSFET pair turn ON full. As long as
V
CELL stays below VMAX, the MOSFET pair will stay ON.
Should a load be applied that exceeds the overcurrent-
discharge current limit while the IC is in active rectification
mode, the MOSFET pair will turn OFF. Recovery requires
that either the IC detects a load greater than 3–7 M
Ω or that
the cell voltage remains under V
MAX for 4 samples. If the
load that caused overcurrent remains after the cell voltage
drops under V
MAX for 4 samples, then the MOSFET pair will
turn ON once more and normal overcurrent mode is entered.
DS012931 12
FIGURE 1. Normal Termination of Charging
www.national.com
8


Similar Part No. - LM3641

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3642TLE TI1-LM3642TLE Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE-LT TI1-LM3642TLE-LT Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE-LT/NOPB TI1-LM3642TLE-LT/NOPB Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3642TLE/NOPB TI1-LM3642TLE/NOPB Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results

Similar Description - LM3641

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
   Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
logo
Texas Instruments
UCC3958 TI-UCC3958 Datasheet
289Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
UCC3958-1 TI-UCC3958-1 Datasheet
262Kb / 8P
[Old version datasheet]   Single Cell Lithium-Ion Battery Protection Circuit
logo
Shenzhen Huazhimei Semi...
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
   Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
logo
Maxim Integrated Produc...
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
   Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
logo
Shenzhen Huazhimei Semi...
HM5410G HMSEMI-HM5410G Datasheet
625Kb / 13P
   1 lithium-ion rechargeable battery pack
logo
Maxim Integrated Produc...
MAX1666A MAXIM-MAX1666A Datasheet
832Kb / 17P
   Advanced Lithium-Ion Battery-Pack Protector
Rev 2; 12/03
logo
Renata AG SA
ICP401230UPR RENATA-ICP401230UPR Datasheet
101Kb / 1P
   Rechargeable Lithium Ion Polymer Battery Pack 3.7 V Safety Circuit
Rev. ICP401230 V02 08/2019
logo
Shenzhen Huazhimei Semi...
HM5432 HMSEMI-HM5432 Datasheet
766Kb / 11P
   Lithium battery protection circuit
logo
Unisonic Technologies
UB242 UTC-UB242 Datasheet
230Kb / 13P
   LITHIUM-ION/POLYMER BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com