Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1761 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1761
Description  Low Dropout Negative Micropower Regulator in ThinSOT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1761 Datasheet HTML 2Page - Linear Technology LT1761 Datasheet HTML 3Page - Linear Technology LT1761 Datasheet HTML 4Page - Linear Technology LT1761 Datasheet HTML 5Page - Linear Technology LT1761 Datasheet HTML 6Page - Linear Technology LT1761 Datasheet HTML 7Page - Linear Technology LT1761 Datasheet HTML 8Page - Linear Technology LT1761 Datasheet HTML 9Page - Linear Technology LT1761 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LT1964
6
1964f
TEMPERATURE (
°C)
60
58
56
54
52
50
48
46
44
1964 G19
VIN = VOUT(NOMINAL) – 1V +
0.5VP-P RIPPLE AT f = 120Hz
IL = –200mA
–50
–25
0
25
50
75
100
125
TEMPERATURE (
°C)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1964 G20
NOTE: THE MINIMUM INPUT VOLTAGE
ACCOUNTS FOR THE OPERATING
THRESHOLD OF THE SHDN PIN WHICH
IS TIED TO THE IN PIN INTERNALLY
IL = –200mA
IL = –1mA
–50
–25
0
25
50
75
100
125
TEMPERATURE (
°C)
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
1964 G21
IL = –200mA
IL = –1mA
–50
–25
0
25
50
75
100
125
NOTE: THE SHDN PIN THRESHOLD
MUST BE MET TO ENSURE
DEVICE OPERATION
TEMPERATURE (
°C)
30
25
20
15
10
5
0
1964 G22
LT1964-5
LT1964-BYP, LT1964-SD
IL = –1mA TO –200mA
–50
–25
0
25
50
75
100
125
FREQUENCY (Hz)
0.1
1
10
1k
10k
100k
1964 G23
0.01
100
10
COUT = 10µF
IL = 200mA
CBYP = 1000pF CBYP = 100pF
CBYP = 0
LT1964-5
LT1964-BYP
CBYP = 0.01µF
CBYP (pF)
10
140
120
100
80
60
40
20
0
100
1k
10k
1964 G24
COUT = 10µF
IL = –200mA
f = 10Hz TO 100kHz
LT1964-BYP
LT1964-5
140
120
100
80
60
40
20
0
LOAD CURRENT (mA)
–0.01
1964 G25
COUT = 10µF
CBYP = 0.01µF
LT1964-5
LT1964-BYP
LT1964-5
LT1964-BYP,
LT1964-SD
CBYP = 0
–1
–10
–1k
–0.1
–100
TYPICAL PERFOR A CE CHARACTERISTICS
Input Ripple Rejection
LT1964-BYP
Minimum Input Voltage
LT1964-SD
Minimum Input Voltage
Load Regulation
Output Noise Spectral Density
RMS Output Noise vs Bypass
Capacitor
RMS Output Noise vs Load
Current
LT1964-5, 10Hz to 100kHz Output
Noise, CBYP = 0
LT1964-5, 10Hz to 100kHz Output
Noise, CBYP = 100pF
COUT = 10µF
1ms/DIV
1964 G26 t f
ILOAD = –200mA
COUT = 10µF
1ms/DIV
1964 G27 tif
ILOAD = –200mA


Similar Part No. - LT1761

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761 Datasheet
246Kb / 16P
   100mA, Low Noise, LDO Micropower Regulators in SOT-23
LT1761 LINER-LT1761 Datasheet
338Kb / 20P
   Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
LT1761 LINER-LT1761 Datasheet
251Kb / 18P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
LT1761 LINER-LT1761 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1761 LINER-LT1761 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
More results

Similar Description - LT1761

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT1175CS8PBF LINEAR_DIMENSIONS-LT1175CS8PBF Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
logo
Linear Technology
LT1175 LINER-LT1175 Datasheet
120Kb / 12P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_10 Datasheet
312Kb / 18P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_05 Datasheet
291Kb / 16P
   500mA Negative Low Dropout Micropower Regulator
LT1175 LINER-LT1175_15 Datasheet
221Kb / 20P
   500mA Negative Low Dropout Micropower Regulator
LT1964 LINER-LT1964_15 Datasheet
229Kb / 16P
   200mA, Low Noise, Low Dropout Negative Micropower Regulator
LT1964 LINER-LT1964_1 Datasheet
222Kb / 16P
   200mA, Low Noise,Low Dropout Negative Micropower Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
LM2991 NSC-LM2991_00 Datasheet
349Kb / 12P
   Negative Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2990 TI-LM2990_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM2990 Negative Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com