Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1815 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1815
Description  Single/Dual Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1815 Datasheet(HTML) 2 Page - Linear Technology

  LT1815 Datasheet HTML 1Page - Linear Technology LT1815 Datasheet HTML 2Page - Linear Technology LT1815 Datasheet HTML 3Page - Linear Technology LT1815 Datasheet HTML 4Page - Linear Technology LT1815 Datasheet HTML 5Page - Linear Technology LT1815 Datasheet HTML 6Page - Linear Technology LT1815 Datasheet HTML 7Page - Linear Technology LT1815 Datasheet HTML 8Page - Linear Technology LT1815 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1818/LT1819
18189f
(Note 1)
Total Supply Voltage (V+ to V) ........................... 12.6V
Differential Input Voltage
(Transient Only, Note 2) .....................................
±6V
Output Short-Circuit Duration (Note 3) ........... Indefinite
Operating Temperature Range (Note 8) .. – 40
°C to 85°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
Specified Temperature Range (Note 9) ... –40
°C to 85°C
Maximum Junction Temperature .......................... 150
°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
1
2
3
4
OUT A
–IN A
+IN A
V
8
7
6
5
V+
OUT B
–IN B
+IN B
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
B
A
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
1
2
3
OUT 1
V
+IN
5
4
V+
–IN
+–
LTF7
S5 PART*
MARKING
ORDER PART
NUMBER
LT1818CS5
LT1818IS5
LTE7
LTE5
MS8 PART
MARKING
ORDER PART
NUMBER
TJMAX = 150°C, θJA = 250°C/W (NOTE 10)
TJMAX = 150°C, θJA = 250°C/W (NOTE 10)
LT1819CMS8
LT1819IMS8
TJMAX = 150°C, θJA = 150°C/W (NOTE 10)
1
2
3
4
8
7
6
5
TOP VIEW
+
NC
V+
OUT
NC
NC
–IN
+IN
V
S8 PACKAGE
8-LEAD PLASTIC SO
LT1818CS8
LT1818IS8
ORDER PART
NUMBER
1818
1818I
S8 PART
MARKING
TJMAX = 150°C, θJA = 150°C/W (NOTE 10)
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
0.2
1.5
mV
TA = 0°C to 70°C
q
2.0
mV
TA = –40°C to 85°C
q
3.0
mV
∆VOS/∆T Input Offset Voltage Drift
TA = 0°C to 70°C (Note 7)
q
10
15
µV/°C
TA = –40°C to 85°C (Note 7)
q
10
30
µV/°C
IOS
Input Offset Current
60
800
nA
TA = 0°C to 70°C
q
1000
nA
TA = –40°C to 85°C
q
1200
nA
IB
Input Bias Current
–2
±8
µA
TA = 0°C to 70°C
q
±10
µA
TA = –40°C to 85°C
q
±12
µA
en
Input Noise Voltage Density
f = 10kHz
6
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
1.2
pA/
√Hz
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 9) VS = ±5V, VCM = 0V, unless otherwise noted.
LT1819CS8
LT1819IS8
ORDER PART
NUMBER
1819
1819I
S8 PART
MARKING
1
2
3
4
8
7
6
5
TOP VIEW
V+
OUT B
–IN B
+IN B
OUT A
–IN A
+IN A
V
S8 PACKAGE
8-LEAD PLASTIC SO
A
B


Similar Part No. - LT1815

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1815 LINER-LT1815 Datasheet
366Kb / 20P
   Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
LT1815 LINER-LT1815 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1815 LINER-LT1815 Datasheet
364Kb / 18P
   250mA/60MHz Current Feedback Amplifier Adjustable Supply Current
LT1815 LINER-LT1815 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LT1815CS5 LINER-LT1815CS5 Datasheet
366Kb / 20P
   Single/Dual/Quad 220MHz, 1500V/us Operational Amplifiers with Programmable Supply Current
More results

Similar Description - LT1815

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM258 ONSEMI-LM258_06 Datasheet
234Kb / 14P
   Single Supply Dual Operational Amplifiers
June, 2006 ??Rev. 22
logo
Guangdong Kexin Industr...
KM386 KEXIN-KM386 Datasheet
59Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM2904DG ONSEMI-LM2904DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM358DG ONSEMI-LM358DG Datasheet
220Kb / 14P
   Single Supply Dual Operational Amplifiers
November, 2011 ??Rev. 26
LM258 ONSEMI-LM258_V01 Datasheet
376Kb / 16P
   Single Supply Dual Operational Amplifiers
August, 2021 - Rev. 34
logo
Taiwan Semiconductor Co...
TS358 TSC-TS358_09 Datasheet
763Kb / 8P
   Single Supply Dual Operational Amplifiers
logo
Guangdong Kexin Industr...
KM358 KEXIN-KM358 Datasheet
398Kb / 2P
   Single Supply Dual Operational Amplifiers
logo
ON Semiconductor
LM358S ONSEMI-LM358S Datasheet
101Kb / 9P
   Single Supply Dual Operational Amplifiers
October, 2014 ??Rev. 0
logo
Guangdong Kexin Industr...
LM358 KEXIN-LM358 Datasheet
882Kb / 3P
   Single Supply Dual Operational Amplifiers
logo
Shenzhen Luguang Electr...
LM358 LUGUANG-LM358 Datasheet
167Kb / 2P
   Single Supply Dual Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com