Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5503 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5503
Description  RF Frequency Range: 800MHz to 2.7GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 4 Page - Linear Technology

  LT5503 Datasheet HTML 1Page - Linear Technology LT5503 Datasheet HTML 2Page - Linear Technology LT5503 Datasheet HTML 3Page - Linear Technology LT5503 Datasheet HTML 4Page - Linear Technology LT5503 Datasheet HTML 5Page - Linear Technology LT5503 Datasheet HTML 6Page - Linear Technology LT5503 Datasheet HTML 7Page - Linear Technology LT5503 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LT5504
4
5504i
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G09
0
fRF = 1.9GHz
fIF = 240MHz
VCC = 5.25V
VCC = 5.25V
VCC = 2.7V
VCC = 2.7V
6
4
2
0
–2
–4
–6
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G07
0
fRF = 1.9GHz
fIF = 240MHz
AVERAGE SLOPE: 23mV/dB
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–6
TA = 25°C
TA = 25°C
TA = 85°C
Output Voltage
vs RF Input Power and Frequency
Power Up Response Time
Supply Current vs Supply Voltage
and Temperature
Output Voltage and Slope Variation
vs RF Input Power and Temperature
Output Voltage and Slope Variation
vs RF Input Power and IF Frequency
Output Voltage and Slope Variation
vs RF Input Power and Supply Voltage
Output Voltage and Slope Variation
vs RF Input Power and Temperature
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G01
0
fRF = 900MHz
fRF = 2.5GHz
fIF = 240MHz
fRF = 1.9GHz
SUPPLY VOLTAGE (V)
2.5
20
18
16
14
12
10
8
3.0
3.5
4.0
4.5
5504 G02
5.0
5.5
TA = 85°C
TA = 25°C
TA = –40°C
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G05
0
fRF = 900MHz
fIF = 240MHz
AVERAGE SLOPE: 23mV/dB
TA = 85°C
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–2
TA = 25°C
TA = 25°C
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G08
0
fRF = 1.9GHz
AVERAGE SLOPE: 23mV/dB
6
4
2
0
–2
–4
–6
400MHz
240MHz
70MHz
fIF = 70MHz
fIF = 240MHz
fIF = 400MHz
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
2.4
2.0
1.6
1.2
0.8
0.4
0
10
5504 G06
0
fRF = 2.5GHz
fIF = 240MHz
AVERAGE SLOPE: 23mV/dB
TA = –40°C
TA = –40°C
6
4
2
0
–2
–4
–6
TA = 25°C
TA = 25°C
TA = 85°C
5504 G03
2
µs/DIV
VOUT
1V/DIV
ENABLE
1V/DIV
VCC = 3V
RF INPUT POWER = 0dBm
ON
OFF
Output Voltage and Slope Variation
vs RF Input Power and Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
PIN (dBm)
–80 –70 –60 –50 –40 –30 –20 –10
6
4
2
0
–2
–4
–6
10
5504 G04
0
fRF = 900MHz
fRF = 2.5GHz
fIF = 240MHz
AVERAGE SLOPE: 23mV/dB
50% VARIATION OR
SLOPE = 11.5mV/dB
fRF = 1.9GHz
Output Slope Variation vs
RF Input Power and Frequency


Similar Part No. - LT5503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5503 LINER-LT5503 Datasheet
210Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503 LINER-LT5503 Datasheet
221Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503 LINER-LT5503 Datasheet
194Kb / 12P
   800MHz to 1.5GHz Direct Conversion Quadrature Demodulator
LT5503EFE LINER-LT5503EFE Datasheet
210Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
LT5503EFE-PBF LINER-LT5503EFE-PBF Datasheet
221Kb / 20P
   1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
More results

Similar Description - LT5503

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5504 LINER-LT5504_15 Datasheet
189Kb / 8P
   800MHz to 2.7GHz RF Measuring Receiver
LT5504 LINER-LT5504_09 Datasheet
183Kb / 8P
   800MHz to 2.7GHz RF Measuring Receiver
LT5575 LINER-LT5575 Datasheet
307Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
LT5575 LINER-LT5575_15 Datasheet
317Kb / 16P
   800MHz to 2.7GHz High Linearity Direct Conversion Quadrature Demodulator
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837 Datasheet
314Kb / 18P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
Rev 1; 11/08
logo
Qorvo, Inc
RFFC2071 QORVO-RFFC2071 Datasheet
1Mb / 23P
   2.7GHz RF SYNTHESIZER/VCO WITH 2.7GHz RF SYNTHESIZER/VCO WITH
logo
Maxim Integrated Produc...
MAX2837 MAXIM-MAX2837_V01 Datasheet
1Mb / 34P
   2.3GHz to 2.7GHz Wireless Broadband RF Transceiver
2015
logo
Linear Technology
LTC5542 LINER-LTC5542 Datasheet
66Kb / 2P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
LTC5542 LINER-LTC5542_15 Datasheet
263Kb / 16P
   1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
logo
Maxim Integrated Produc...
MAX2839AS MAXIM-MAX2839AS Datasheet
1Mb / 39P
   2.3GHz to 2.7GHz MIMO Wireless Broadband RF Transceiver
Rev 1; 5/10
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com