Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25010 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25010
Description  SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25010 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ25010 Datasheet HTML 2Page - Texas Instruments BQ25010 Datasheet HTML 3Page - Texas Instruments BQ25010 Datasheet HTML 4Page - Texas Instruments BQ25010 Datasheet HTML 5Page - Texas Instruments BQ25010 Datasheet HTML 6Page - Texas Instruments BQ25010 Datasheet HTML 7Page - Texas Instruments BQ25010 Datasheet HTML 8Page - Texas Instruments BQ25010 Datasheet HTML 9Page - Texas Instruments BQ25010 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ti.com
DEVICE INFORMATION
FB
VSS
EN
AC
USB
STAT1
STAT2
VSS
bq25010, bq25011, bq25012
RHL PACKAGE
(BOTTOM VIEW)
SW
VSS
BAT/OUT
BAT/OUT
CE
PG
ISET2
ISET1
20
1
11
10
2
3
4
5
6
7
8
9
19
18
17
16
15
14
13
12
bq25010
bq25011
bq25012
SLUS615 – DECEMBER 2004
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AC
5
I
Charge input voltage from AC adapter
BAT/OUT
16
I/O
Charge current output
BAT/OUT
17
I
Battery input to DC-DC converter
CE
15
I
Charge enable input (active low)
EN
4
I
Enable input for DC-DC converter
FB
2
I
Feedback pin for DC-DC converter
FPWM
20
I
PWM control input for the DC-DC converter
ISET1
12
I
Charge current set point for AC input and precharge and taper set point for both AC and USB
ISET2
13
I
Charge current set point for USB port (High = 500 mA, Low = 100 mA, High-Z = disable USB charge)
NC
1, 10, 11
No connect. These pins must be left floating.
PG
14
O
Power good status output (active low)
STAT1
7
O
Charge status output 1 (open-drain)
STAT2
8
O
Charge status output 2 (open-drain)
SW
19
O
Output of the DC/DC converter
USB
6
I
Charge input voltage from USB adapter
Ground Input. Also note that there is an internal electrical connection between the exposed thermal pad
and VSS pins of the device. The exposed thermal pad must be connected to the same potential as the
VSS
3, 9, 18
Vss pin on the printed circuit board. Do not use the thermal pad as the primary ground input for the
device. All VSS pins must be connected to ground at all times.
6


Similar Part No. - BQ25010

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
BQ25010EVM APEX-BQ25010EVM Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - BQ25010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25015 TI-BQ25015 Datasheet
782Kb / 28P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
logo
Dialog Semiconductor
DA9131 DIALOG-DA9131 Datasheet
1Mb / 56P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9132 RENESAS-DA9132 Datasheet
969Kb / 58P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Dialog Semiconductor
DA9132 DIALOG-DA9132 Datasheet
1Mb / 56P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Renesas Technology Corp
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
   Combination Battery Charger and DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com