Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25010 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25010
Description  SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR BLUETOOTH HEADSETS AND OTHER PORTABLE APPLICATIONS (bqHYBRID??
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25010 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ25010 Datasheet HTML 3Page - Texas Instruments BQ25010 Datasheet HTML 4Page - Texas Instruments BQ25010 Datasheet HTML 5Page - Texas Instruments BQ25010 Datasheet HTML 6Page - Texas Instruments BQ25010 Datasheet HTML 7Page - Texas Instruments BQ25010 Datasheet HTML 8Page - Texas Instruments BQ25010 Datasheet HTML 9Page - Texas Instruments BQ25010 Datasheet HTML 10Page - Texas Instruments BQ25010 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
5
AC
6
USB
+
+
16
BAT/OUT
12
ISET1
13 ISET2
Charge
Control,
Timer
and
Display
Logic
Thermal
Shutdown
Precharge
Recharge
Taper
CHG ENABLE
14 PG
7
STAT1
8
STAT2
Term
VI(SET)
VO(REG)
VI(BAT)
VI(ISET)
AC/USB
AC
Sense FET
VI(OUT)
VI(ISET)
Sense FET
Sleep
VI(BAT)
VI(SLP)
VI(OUT)
VI(OUT)
V(ISET1)
V(ISET2)
V(ISET2)
VO(REG)
9
VSS
VI(AC)
500 mA/ 100 mA
USB Charge
AC/USB
500 mA/ 100 mA
Reference
and
Bias
Deglitch
Deglitch
Deglitch
Suspend
Deglitch
15 CE
VO(REG)
2
FB
VI(FB)
DC−DC
Controller
VCC
4
EN
20
FPWM
19 SW
17 BAT/OUT
3
VSS
18
VSS
UDG−04072
bq25010
bq25011
bq25012
SLUS615 – DECEMBER 2004
FUNCTIONAL BLOCK DIAGRAM
7


Similar Part No. - BQ25010

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
BQ25010EVM APEX-BQ25010EVM Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - BQ25010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25015 TI-BQ25015 Datasheet
782Kb / 28P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
logo
Dialog Semiconductor
DA9131 DIALOG-DA9131 Datasheet
1Mb / 56P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Renesas Technology Corp
DA9132 RENESAS-DA9132 Datasheet
969Kb / 58P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Dialog Semiconductor
DA9132 DIALOG-DA9132 Datasheet
1Mb / 56P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Renesas Technology Corp
DA9131 RENESAS-DA9131 Datasheet
955Kb / 58P
   High-Performance, Dual-Channel DC-DC Converter for Mobile and Portable Applications
25-May-2022
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Linear Technology
LTC1980 LINER-LTC1980_1 Datasheet
238Kb / 16P
   Combination Battery Charger and DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com