Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFD8P06E Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # RFD8P06E
Description  8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RFD8P06E Datasheet(HTML) 7 Page - Fairchild Semiconductor

  RFD8P06E_02 Datasheet HTML 1Page - Fairchild Semiconductor RFD8P06E_02 Datasheet HTML 2Page - Fairchild Semiconductor RFD8P06E_02 Datasheet HTML 3Page - Fairchild Semiconductor RFD8P06E_02 Datasheet HTML 4Page - Fairchild Semiconductor RFD8P06E_02 Datasheet HTML 5Page - Fairchild Semiconductor RFD8P06E_02 Datasheet HTML 6Page - Fairchild Semiconductor RFD8P06E_02 Datasheet HTML 7Page - Fairchild Semiconductor RFD8P06E_02 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
©2002 Fairchild Semiconductor Corporation
RFD8P06E, RFD8P06ESM, RFP8P06E Rev.B
PSPICE Electrical Model
.SUBCKT RFP8P06E 2 1 3
REV 6/23/94
CA 12 8 7.24e-10
CB 15 14 8.04e-10
CIN 6 8 6.00e-10
DBODY 5 7 DBDMOD
DBREAK 7 11 DBKMOD
DESD1 91 9 DESD1MOD
DESD2 91 7 DESD2MOD
DPLCAP 10 6 DPLCAPMOD
EBREAK 5 11 17 18 -79.2
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 5 10 6 8 1
EVTO 20 6 8 18 1
IT 8 17 1
LDRAIN 2 5 1e-10
LGATE 1 9 2.92e-9
LSOURCE 3 7 2.92e-9
MOS1 16 6 8 8 MOSMOD M=0.99
MOS2 16 21 8 8 MOSMOD M=0.01
RBREAK 17 18 RBKMOD 1
RDRAIN 50 16 RDSMOD 95.2e-3
RGATE 9 20 3.95
RIN 6 8 1e9
RSCL1 5 51 RSCLMOD 1e6
RSCL2 5 50 1e3
RSOURCE 8 7 RDSMOD 143.6e-3
RVTO 18 19 RVTOMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 8 19 DC 1
VTO 21 6 -0.804
ESCL 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)*1e6/22,9))}
.MODEL DBDMOD D (IS=4.15e-15 RS=5.54e-2 TRS1=-1.32e-3 TRS2=-2.48e-6 CJO=6.06e-10 TT=7.50e-8)
.MODEL DBKMOD D (RS=4.66e-1 TRS1=1.58e-3 TRS2=-7.49e-6)
.MODEL DESD1MOD D (BV=20.2 TBV1=-1.25e-3 TBV2=5.79e-7 RS=36 NBV=50 IBV=7e-6)
.MODEL DESD2MOD D (BV=25.4 TBV1=-8.3e-4 TBV2=8.9e-7 NBV=50 IBV=7e-6)
.MODEL DPLCAPMOD D (CJO=2.49e-10 IS=1e-30 N=10)
.MODEL MOSMOD PMOS (VTO=-3.824 KP=5.163 IS=1e-30 N=10 TOX=1 L=1u W=1u)
.MODEL RBKMOD RES (TC1=9.48e-4 TC2=-1.42e-7)
.MODEL RDSMOD RES (TC1=5.40e-3 TC2=1.25e-5)
.MODEL RSCLMOD RES (TC1=1.75e-3 TC2=3.90e-6)
.MODEL RVTOMOD RES (TC1=-3.55e-3 TC2=-3.43e-6)
.MODEL S1AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=5.10 VOFF=3.10)
.MODEL S1BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=3.10 VOFF=5.10)
.MODEL S2AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=2.1 VOFF=-2.9)
.MODEL S2BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-2.9 VOFF=2.1)
.ENDS
NOTE: For further discussion of the PSPICE model consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global Temperature Options;
written by William J. Hepp and C. Frank Wheatley.
MOS1
10
DPLCAP
RDRAIN
DBREAK
LDRAIN
DRAIN
LSOURCE
DBODY
RSOURCE
EBREAK
MOS2
RIN
CIN
VTO
ESG
CA
EVTO
RGATE
GATE
LGATE
5
2
11
21
8
6
16
20
9
1
18
8
6
8
17
18
+
-
-
+
-
-
3
SOURCE
RBREAK
RVTO
VBAT
+
-
19
IT
EDS
EGS
S1A
S2A
S2B
S1B
CB
18
17
7
12
15
14
13
13
8
14
13
5
8
+
-
+
-
5
51
RSCL2
RSCL1
ESCL
DESD2
DESD1
91
6
8
RFD8P06E, RFD8P06ESM, RFP8P06E


Similar Part No. - RFD8P06E_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD8P06ESM INTERSIL-RFD8P06ESM Datasheet
87Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
More results

Similar Description - RFD8P06E_02

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
RFD8P05 INTERSIL-RFD8P05 Datasheet
51Kb / 6P
   8A, 50V, 0.300 Ohm, P-Channel Power MOSFETs
RFD8P06LE INTERSIL-RFD8P06LE Datasheet
102Kb / 8P
   8A, 60V, 0.300 Ohm, ESD Rated, Logic Level, P-Channel Power MOSFET
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
   12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
RFD15P06 INTERSIL-RFD15P06 Datasheet
87Kb / 8P
   15A, 60V, 0.150 Ohm, P-Channel Power MOSFETs
RFG30P06 INTERSIL-RFG30P06 Datasheet
71Kb / 8P
   30A, 60V, 0.065 Ohm, P-Channel Power MOSFETs
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
   -8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
logo
Intersil Corporation
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
   12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
FRM9250D INTERSIL-FRM9250D Datasheet
50Kb / 6P
   16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
   11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com