Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN1707 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1707
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1707 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1707 Datasheet HTML 1Page - Toshiba Semiconductor RN1707 Datasheet HTML 2Page - Toshiba Semiconductor RN1707 Datasheet HTML 3Page - Toshiba Semiconductor RN1707 Datasheet HTML 4Page - Toshiba Semiconductor RN1707 Datasheet HTML 5Page - Toshiba Semiconductor RN1707 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RN1707~RN1709
2001-06-07
2
Electrical Characteristics (Ta = 25
°°°°C) (Q1, Q2 Common)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ICBO
VCB = 50V, IE = 0
100
nA
Collector cut-off current
RN1707~1709
ICEO
VCE = 50V, IB = 0
500
nA
RN1707
VEB = 6V, IC = 0
0.081
0.15
RN1708
VEB = 7V, IC = 0
0.078
0.145
Emitter cut-off current
RN1709
IEBO
VEB = 15V, IC = 0
0.167
0.311
mA
RN1707
80
RN1708
80
DC current gain
RN1709
hFE
VCE = 5V, IC = 10mA
70
Collector-emitter
saturation voltage
RN1707~1709
VCE (sat)
IC = 5mA, IB = 0.25mA
0.1
0.3
V
RN1707
0.7
1.8
RN1708
1.0
2.6
Input voltage (ON)
RN1709
VI (ON)
VCE = 0.2V, IC = 5mA
2.2
5.8
V
RN1707
0.5
1.0
RN1708
0.6
1.16
Input voltage (OFF)
RN1709
VI (OFF)
VCE = 5V, IC = 0.1mA
1.5
2.6
V
Translation frequency
RN1707~1709
fT
VCE = 10V, IC = 5mA
250
MHz
Collector output
capacitance
RN1707~1709
Cob
VCB = 10V, IE = 0,
f = 1MHz
3
6
pF
RN1707
7
10
13
RN1708
15.4
22
28.6
Input resistor
RN1709
R1
32.9
47
61.1
kΩ
RN1707
0.191
0.213
0.232
RN1708
0.421
0.468
0.515
Resistor ratio
RN1709
R1/R2
1.92
2.14
2.35


Similar Part No. - RN1707

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1707JE TOSHIBA-RN1707JE Datasheet
100Kb / 4P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
More results

Similar Description - RN1707

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com