Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28C011TRT4FB-20 Datasheet(PDF) 3 Page - Maxwell Technologies

Part # 28C011TRT4FB-20
Description  1 Megabit (128K x 8-Bit) EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

28C011TRT4FB-20 Datasheet(HTML) 3 Page - Maxwell Technologies

  28C011TRT4FB-20 Datasheet HTML 1Page - Maxwell Technologies 28C011TRT4FB-20 Datasheet HTML 2Page - Maxwell Technologies 28C011TRT4FB-20 Datasheet HTML 3Page - Maxwell Technologies 28C011TRT4FB-20 Datasheet HTML 4Page - Maxwell Technologies 28C011TRT4FB-20 Datasheet HTML 5Page - Maxwell Technologies 28C011TRT4FB-20 Datasheet HTML 6Page - Maxwell Technologies 28C011TRT4FB-20 Datasheet HTML 7Page - Maxwell Technologies 28C011TRT4FB-20 Datasheet HTML 8Page - Maxwell Technologies 28C011TRT4FB-20 Datasheet HTML 9Page - Maxwell Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
All data sheets are subject to change without notice
©2003 Maxwell Technologies
All rights reserved.
1 Megabit (128K x 8-Bit) EEPROM
28C011T
11.10.03 REV 10
TABLE 5. 28C011T CAPACITANCE
(T
A = 25
°C, f = 1 MHZ)
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Capacitance: V
IN = 0V
1
C
IN
--
6
pF
Output Capacitance: V
OUT = 0V
1
C
OUT
--
12
pF
1. Guaranteed by design.
TABLE 6. 28C011T DC ELECTRICAL CHARACTERISTICS
(V
CC = 5V ± 10%, TA = -55 TO +125
°C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
TEST CONDITION
SUBGROUPS
SYMBOL
MIN
MAX
UNITS
Input Leakage Current
V
CC = 5.5V, VIN = 5.5V
1, 2, 3
I
IL
--
2 1
µA
Output Leakage Current
V
CC = 5.5V, VOUT = 5.5V/0.4V
1, 2, 3
I
LO
--
2
µ A
Standby V
CC Current
CE = V
CC
1, 2, 3
I
CC1
--
20
µ A
CE = V
IH
I
CC2
--
1
mA
Operating V
CC Current
I
OUT = 0mA, Duty = 100%, Cycle =
1µ s at V
CC = 5.5V
1, 2, 3
I
CC3A
--
15
mA
I
OUT = 0mA, Duty = 100%, Cycle =
150ns at V
CC = 5.5V
1, 2, 3
I
CC3B
--
50
Input Voltage
RES_PIN
1, 2, 3
V
IL
--
0.8
V
V
IH
2.2
--
V
H
V
CC -0.5
--
Output Voltage
I
OL = 2.1 mA
1, 2, 3
V
OL
--
0.4
V
I
OH = -0.4 mA
V
OH
2.4
--
1. I
LI on RES = 100 uA max.
TABLE 7. 28C011T AC ELECTRICAL CHARACTERISTICS FOR READ OPERATION 1
(V
CC = 5V + 10%, TA = -55 TO +125
°C)
PARAMETER
SYMBOL
SUBGROUPS
MIN
MAX
UNITS
Address Access Time
CE = OE = V
IL, WE = VIH
-120
-150
-200
t
ACC
9, 10, 11
--
--
--
120
150
200
ns
Chip Enable Access Time
OE = V
IL, WE = VIH
-120
-150
-200
t
CE
9, 10, 11
--
--
--
120
150
200
ns


Similar Part No. - 28C011TRT4FB-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDB-12 MAXWELL-28C010TRPDB-12 Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDB-15 MAXWELL-28C010TRPDB-15 Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDB-20 MAXWELL-28C010TRPDB-20 Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C010TRPDE-12 MAXWELL-28C010TRPDE-12 Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
More results

Similar Description - 28C011TRT4FB-20

ManufacturerPart #DatasheetDescription
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_04 Datasheet
882Kb / 27P
   1 Megabit (128K x 8) Page Mode EEPROM
logo
Maxwell Technologies
27C010T MAXWELL-27C010T Datasheet
207Kb / 14P
   1 Megabit (128K x 8-Bit) - OTP EPROM
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
Eon Silicon Solution In...
EN29F010 EON-EN29F010 Datasheet
429Kb / 35P
   1 Megabit (128K x 8-bit) 5V Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com