Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U05JH44 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # U05JH44
Description  HIGH SPEED RECTIFIER APPLICATIONS(FAST RECOVERY)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

U05JH44 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  U05JH44 Datasheet HTML 1Page - Toshiba Semiconductor U05JH44 Datasheet HTML 2Page - Toshiba Semiconductor U05JH44 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
U05GH44,U05JH44
2001-07-10
1
TOSHIBA RECTIFIER SILICON DIFFUSED TYPE
U05GH44,U05JH44
HIGH SPEED RECTIFIER APPLICATIONS
(FAST RECOVERY)
l Repetitive Peak Reverse Voltage
: VRRM = 400, 600V
l Average Forward Current
: IF (AV) = 0.5A
l Reverse Recovery Time
: trr = 1.5µs
l Surface Mounting Plastic Mold Package
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
U05GH44
400
Repetitive Peak Reverse
Voltage
U05JH44
VRRM
600
V
Average Forward Current
IF (AV)
0.5
A
Peak One Cycle Surge Forward
Current (Non−Repetitive)
IFSM
20 (50Hz)
A
Junction Temperature Range
Tj
−40~125
°C
Storage Temperature Range
Tstg
−40~125
°C
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Peak Forward Voltage
VFM
IFM = 0.5A
1.2
V
Repetitive Peak Reverse
Current
IRRM
VRRM = Rated
10
µA
Reverse Recovery Time
trr
IF = 20mA, IR = 1mA
1.5
µs
STANDARD SOLDERING PAD
MARKING
JEDEC
JEITA
TOSHIBA
3−4D1A
Weight: 0.06g
Unit: mm


Similar Part No. - U05JH44

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
U05JH44 TOSHIBA-U05JH44 Datasheet
185Kb / 4P
   HIGH SPEED RECTIFIER APPLICATIONS (FAST RECOVERY)
More results

Similar Description - U05JH44

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1000GXHH22 TOSHIBA-1000GXHH22 Datasheet
101Kb / 2P
   FAST RECOVERY (HIGH SPEED RECTIFIER APPLICATIONS)
S5295B TOSHIBA-S5295B Datasheet
62Kb / 3P
   High Speed Rectifier Applications (fast recovery)
CMF05 TOSHIBA-CMF05 Datasheet
188Kb / 6P
   High-Speed Rectifier Applications (Fast Recovery)
100FXFG13 TOSHIBA-100FXFG13 Datasheet
117Kb / 2P
   FAST RECOVERY (HIGH SPEED RECTIFIER APPLICATIONS)
1S1834 TOSHIBA-1S1834 Datasheet
130Kb / 2P
   HIGH SPEED RECTIFIER APPLICATIONS.(FAST RECOVERY)
U05NH44 TOSHIBA-U05NH44 Datasheet
184Kb / 4P
   HIGH SPEED RECTIFIER APPLICATIONS (FAST RECOVERY)
U05GH44 TOSHIBA-U05GH44 Datasheet
185Kb / 4P
   HIGH SPEED RECTIFIER APPLICATIONS (FAST RECOVERY)
1200GXHH22 TOSHIBA-1200GXHH22 Datasheet
112Kb / 2P
   FAST RECOVERY RECTIFIER (HIGH SPEED RECTIFIER APPLICATIONS)
800EXH22 TOSHIBA-800EXH22 Datasheet
118Kb / 2P
   FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
1200JXH23 TOSHIBA-1200JXH23 Datasheet
109Kb / 2P
   FAST RECOVERY DIODE (HIGH SPEED RECTIFIER APPLICATIONS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com