Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA0885 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # 2SA0885
Description  For low-frequency power amplification
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SA0885 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  2SA0885 Datasheet HTML 1Page - Panasonic Semiconductor 2SA0885 Datasheet HTML 2Page - Panasonic Semiconductor 2SA0885 Datasheet HTML 3Page - Panasonic Semiconductor 2SA0885 Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA0885
3
SJD00002BED
ICEO  Ta
Safe operation area
1
10
102
103
104
0
160
40
120
80
VCE=–10V
Ambient temperature T
a (°C)
–0.001
–0.1
–0.01
–0.1
–1
–10
–1
–10
–100
Single pulse
TC=25˚C
t=10ms
t=1s
ICP
IC
Collector-emitter voltage V
CE (V)


Similar Part No. - 2SA0885

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SA0885 PANASONIC-2SA0885 Datasheet
63Kb / 4P
   Silicon PNP epitaxial planar type
More results

Similar Description - 2SA0885

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD0875 PANASONIC-2SD0875 Datasheet
71Kb / 3P
   For Low-Frequency Power Amplification
2SA0963 PANASONIC-2SA0963 Datasheet
80Kb / 4P
   For low-frequency power amplification
2SC2209 PANASONIC-2SC2209 Datasheet
71Kb / 4P
   For low-frequency power amplification
2SB0942 PANASONIC-2SB0942 Datasheet
75Kb / 3P
   For Low-Frequency Power Amplification
2SA0900 PANASONIC-2SA0900 Datasheet
71Kb / 3P
   For low-frequency Power amplification Complementary
2SK0663 PANASONIC-2SK0663 Datasheet
73Kb / 3P
   For Low-Frequency Amplification
2SD0946 PANASONIC-2SD0946 Datasheet
68Kb / 3P
   For Low-Frequency Amplification
2SK0198 PANASONIC-2SK0198 Datasheet
49Kb / 3P
   For Low-Frequency Amplification
2SD2623 PANASONIC-2SD2623 Datasheet
71Kb / 3P
   For low-frequency amplification
2SD0966 PANASONIC-2SD0966 Datasheet
67Kb / 3P
   For Low-Frequency Amplification
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com