Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGB02N120 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SGB02N120
Description  Fast S-IGBT in NPT-technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SGB02N120 Datasheet(HTML) 1 Page - Infineon Technologies AG

  SGB02N120 Datasheet HTML 1Page - Infineon Technologies AG SGB02N120 Datasheet HTML 2Page - Infineon Technologies AG SGB02N120 Datasheet HTML 3Page - Infineon Technologies AG SGB02N120 Datasheet HTML 4Page - Infineon Technologies AG SGB02N120 Datasheet HTML 5Page - Infineon Technologies AG SGB02N120 Datasheet HTML 6Page - Infineon Technologies AG SGB02N120 Datasheet HTML 7Page - Infineon Technologies AG SGB02N120 Datasheet HTML 8Page - Infineon Technologies AG SGB02N120 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary
SGP02N120
SGB02N120, SGD02N120
Power Semiconductors
1
Mar-00
Fast S-IGBT in NPT-technology
G
C
E
• 40% lower E
off compared to previous generation
• Short circuit withstand time – 10 µs
• Designed for:
- Motor controls
- Inverter
- SMPS
• NPT-Technology offers:
- very tight parameter distribution
- high ruggedness, temperature stable behaviour
- parallel switching capability
Type
VCE
IC
Eoff
Tj
Package
Ordering Code
SGP02N120
1200V
2A
0.11mJ
150
°C
TO-220AB
Q67040-S4270
SGB02N120
TO-263AB(D2PAK)
Q67040-S4271
SGD02N120
TO-252AA(DPAK)
Q67040-S4269
SGI02N120
TO-262
Q67040-S4291
Maximum Ratings
Parameter
Symbol
Value
Unit
Collector-emitter voltage
VCE
1200
V
DC collector current
TC = 25
°C
TC = 100
°C
I C
6.2
2.8
Pulsed collector current, tp limited by Tjmax
I Cp ul s
9.6
Turn off safe operating area
VCE
≤ 1200V, T
j
≤ 150°C
-
9.6
A
Gate-emitter voltage
VGE
±20
V
Avalanche energy, single pulse
IC = 2A, VCC = 50V, RGE = 25
Ω, start at T
j = 25
°C
EAS
10
mJ
Short circuit withstand time
1)
VGE = 15V, 100V
≤ V
CC
≤ 1200V, T
j
≤ 150°C
t SC
10
µs
Power dissipation
TC = 25
°C
Ptot
62
W
Operating junction and storage temperature
T j , T stg
-55...+150
Soldering temperature, 1.6mm (0.063 in.) from case for 10s
-
260
°C
1) Allowed number of short circuits: <1000; time between short circuits: >1s.


Similar Part No. - SGB02N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB02N120 INFINEON-SGB02N120 Datasheet
439Kb / 11P
   Fast IGBT in NPT-technology Lower Eoff compared to previous generation
Rev. 2_3 Jan 07
SGB02N120 INFINEON-SGB02N120_07 Datasheet
439Kb / 11P
   Fast IGBT in NPT-technology Lower Eoff compared to previous generation
Rev. 2_3 Jan 07
More results

Similar Description - SGB02N120

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SGB20N60 INFINEON-SGB20N60 Datasheet
275Kb / 12P
   Fast S-IGBT in NPT-technology
Mar-00
SGP06N60 INFINEON-SGP06N60 Datasheet
396Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW02N120 INFINEON-SGW02N120_06 Datasheet
813Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2.1 Feb 06
SGP30N60 INFINEON-SGP30N60_08 Datasheet
335Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.4 Sep. 08
SGW15N120 INFINEON-SGW15N120 Datasheet
460Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP04N60 INFINEON-SGP04N60 Datasheet
391Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGB15N120 INFINEON-SGB15N120_07 Datasheet
841Kb / 11P
   Fast IGBT in NPT-technology
Rev. 2_2 Apr 07
SGP10N60A INFINEON-SGP10N60A Datasheet
401Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGW30N60 INFINEON-SGW30N60 Datasheet
425Kb / 12P
   Fast IGBT in NPT-technology
Jul-02
SGP06N60 INFINEON-SGP06N60_07 Datasheet
346Kb / 12P
   Fast IGBT in NPT-technology
Rev. 2.2 Sep 07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com