Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK96180-100A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BUK96180-100A
Description  Logic level FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK96180-100A Datasheet(HTML) 8 Page - NXP Semiconductors

  BUK96180-100A Datasheet HTML 1Page - NXP Semiconductors BUK96180-100A Datasheet HTML 2Page - NXP Semiconductors BUK96180-100A Datasheet HTML 3Page - NXP Semiconductors BUK96180-100A Datasheet HTML 4Page - NXP Semiconductors BUK96180-100A Datasheet HTML 5Page - NXP Semiconductors BUK96180-100A Datasheet HTML 6Page - NXP Semiconductors BUK96180-100A Datasheet HTML 7Page - NXP Semiconductors BUK96180-100A Datasheet HTML 8Page - NXP Semiconductors BUK96180-100A Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Philips Semiconductors
Product specification
TrenchMOS
 transistor
BUK95180-100A
Logic level FET
BUK96180-100A
MECHANICAL DATA
Fig.21. SOT404 surface mounting package. Centre pin connected to mounting base.
Notes
1. This product is supplied in anti-static packaging. The gate-source input must be protected against static
discharge during transport or handling.
2. Refer to SMD Footprint Design and Soldering Guidelines, Data Handbook SC18.
3. Epoxy meets UL94 V0 at 1/8".
UNIT
A
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
A1
D1
D
max.
E
eLp
HD
Q
c
2.54
2.60
2.20
15.40
14.80
2.90
2.10
11
1.60
1.20
10.30
9.70
4.50
4.10
1.40
1.27
0.85
0.60
0.64
0.46
b
DIMENSIONS (mm are the original dimensions)
SOT404
0
2.5
5 mm
scale
Plastic single-ended surface mounted package (Philips version of D2-PAK); 3 leads
(one lead cropped)
SOT404
e
e
E
b
D1
HD
D
Q
Lp
c
A1
A
13
2
mounting
base
98-12-14
99-06-25
May 2000
8
Rev 1.100


Similar Part No. - BUK96180-100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK96180-100A PHILIPS-BUK96180-100A Datasheet
221Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-26 April 2011
logo
Inchange Semiconductor ...
BUK96180-100A ISC-BUK96180-100A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK96180-100A NEXPERIA-BUK96180-100A Datasheet
775Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02 - 26 April 2011
logo
NXP Semiconductors
BUK96180-100A PHILIPS-BUK96180-100A_15 Datasheet
221Kb / 13P
   N-channel TrenchMOS logic level FET
Rev. 02-26 April 2011
More results

Similar Description - BUK96180-100A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9512-55B PHILIPS-BUK9512-55B Datasheet
279Kb / 15P
   TrenchMOS??logic level FET
Rev. 01-28 April 2003
BUK9507-30B PHILIPS-BUK9507-30B Datasheet
300Kb / 15P
   TrenchMOS logic level FET
Rev. 01-25 April 2003
PHK28NQ03LT PHILIPS-PHK28NQ03LT Datasheet
7Kb / 12P
   TrenchMOS logic level FET
Rev. 01-12 December 2002
PSMN005-30K PHILIPS-PSMN005-30K Datasheet
251Kb / 12P
   TrenchMOS logic level FET
Rev. 01-6 March 2002
BUK9214-30A PHILIPS-BUK9214-30A Datasheet
292Kb / 12P
   TrenchMOS logic level FET
Rev. 01-20 March 2002
BUK9215-55A PHILIPS-BUK9215-55A Datasheet
289Kb / 12P
   TrenchMOS logic level FET
Rev. 01-16 August 2001
BUK9277-55A PHILIPS-BUK9277-55A Datasheet
319Kb / 13P
   TrenchMOS logic level FET
Rev. 01-6 February 2001
BUK9575-55A PHILIPS-BUK9575-55A Datasheet
345Kb / 15P
   TrenchMOS logic level FET
Rev. 01-9 February 2001
PMN55LN PHILIPS-PMN55LN Datasheet
234Kb / 12P
   uTrenchMOS logic level FET
Rev. 01-24 March 2003
BUK9214-75B PHILIPS-BUK9214-75B Datasheet
234Kb / 10P
   TrenchMOS logic level FET
Rev. 01-10 December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com