Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C-244CX Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C-244CX
Description  FOUR DIGITS DISPLAY
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C-244CX Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C-244CX Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C/A-244CX
FOUR DIGITS DISPLAY
Part No.
Chip
Electro-Optical Characteristics
Vf(V)20mA
Iv(ucd)10mA
Shape
Common
Cathode
Common
Anode
Raw
Material
Emitted
Color
Wave
Length
λp(nm)
Typ.
Max.
Typ.
Fig. No.
C-244CH
A-244CH
GaP
Red
700
2.1
2.8
550
C-244CE
A-244CE
GaAsP/GaP Hi.effi Red
635
2.0
2.8
1800
C-244CG
A-244CG
GaP
Green
565
2.1
2.8
1600
C-244CY
A-244CY
GaAsP/GaP Yellow
585
2.1
2.8
1500
C-244CSR
A-244CSR
GaAlAs
Super Red
660
1.8
2.4
5000
D45
Fig.D45
1.All dimension are in millimeters (inches).
2.Tolerance is ±0.25 mm (0.01”) unless otherwise specified.


Similar Part No. - C-244CX

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
C-240-14X MOLEX4-C-240-14X Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
C-240-14XT MOLEX4-C-240-14XT Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 1/4", Length34.21mm (1.347"), Mylar Tape Carrier
C-240-38XT MOLEX4-C-240-38XT Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 3/8", Length34.21mm (1.347"), Mylar Tape Carrier
C-240-56X MOLEX4-C-240-56X Datasheet
74Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire
C-240-56XT MOLEX4-C-240-56XT Datasheet
73Kb / 3P
   InsulKrimp??Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 5/16", Length34.21mm (1.347"), Mylar Tape Carrier
More results

Similar Description - C-244CX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C-4N4H ETC1-C-4N4H Datasheet
89Kb / 1P
   FOUR DIGITS DISPLAY
logo
PARA LIGHT ELECTRONICS ...
C-284CX-14 PARALIGHT-C-284CX-14 Datasheet
99Kb / 1P
   FOUR DIGITS DISPLAY
logo
List of Unclassifed Man...
C-404CX ETC1-C-404CX Datasheet
92Kb / 1P
   FOUR DIGITS DISPLAY
C-564 ETC1-C-564 Datasheet
86Kb / 1P
   FOUR DIGITS DISPLAY
logo
Ningbo Foryard Optoelec...
FYQ-3141AX-00 FORYARD-FYQ-3141AX-00 Datasheet
417Kb / 5P
   0.31Inch (8.00mm) digit height Four Digits Display
FYQ-3941KX-00 FORYARD-FYQ-3941KX-00 Datasheet
379Kb / 5P
   0.39Inch (9.90mm) digit height Four Digits Display
FYQ-3942CX-00 FORYARD-FYQ-3942CX-00 Datasheet
383Kb / 5P
   0.39Inch (10.00mm) digit height Four Digits Display
FYQ-4041AX-00 FORYARD-FYQ-4041AX-00 Datasheet
382Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041CX-00 FORYARD-FYQ-4041CX-00 Datasheet
380Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
FYQ-4041EX-00 FORYARD-FYQ-4041EX-00 Datasheet
377Kb / 5P
   0.4Inch (10.16mm) digit height Four Digits Display
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com