Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7026-PGQ Datasheet(PDF) 2 Page - ATMEL Corporation

Part # T7026-PGQ
Description  ISM 2.4 GHz Front End IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T7026-PGQ Datasheet(HTML) 2 Page - ATMEL Corporation

  T7026-PGQ Datasheet HTML 1Page - ATMEL Corporation T7026-PGQ Datasheet HTML 2Page - ATMEL Corporation T7026-PGQ Datasheet HTML 3Page - ATMEL Corporation T7026-PGQ Datasheet HTML 4Page - ATMEL Corporation T7026-PGQ Datasheet HTML 5Page - ATMEL Corporation T7026-PGQ Datasheet HTML 6Page - ATMEL Corporation T7026-PGQ Datasheet HTML 7Page - ATMEL Corporation T7026-PGQ Datasheet HTML 8Page - ATMEL Corporation T7026-PGQ Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
T7026
4563C–ISM–01/04
Pin Configuration
Figure 2. Pinning QFN20
1
2
3
4
5
15
14
13
12
11
10
6
7
8
9
16
20
19
18
17
RX_ON
R_SWITCH
SWITCH_OUT_RX
SWITCH_OUT_TX
GND_LNA1
V2_PA
V2_PA
GND
V1_PA
NC
T7026
Pin Description
Pin
Symbol
Function
1
RX_ON
RX active high
2
R_SWITCH
Resistor to GND sets the PIN diode current
3
SWITCH_OUT_RX
Switched current output for PIN diode (active in RX mode)
4
SWITCH_OUT_TX
Switched current output for PIN diode (active in TX mode)
5
GND_LNA1
Ground
6
LNA_IN
Low-noise amplifier input
7
GND_LNA2
Ground
8
V3_PA_OUT
Inductor to power supply and matching network for power amplifier output
9
V3_PA_OUT
Inductor to power supply and matching network for power amplifier output
10
V3_PA_OUT
Inductor to power supply and matching network for power amplifier output
11
V2_PA
Inductor to power supply for power amplifier
12
V2_PA
Inductor to power supply for power amplifier
13
GND
Ground
14
V1_PA
Supply voltage for power amplifier
15
NC
Not connected
16
RAMP
Power ramping control input
17
PA_IN
Power amplifier input
18
VS_LNA
Supply voltage input for low-noise amplifier
19
LNA_OUT
Low-noise amplifier output
20
PU
Power-up active high
Slug
GND
Ground


Similar Part No. - T7026-PGQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7026-PGQ ATMEL-T7026-PGQ Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
T7026-PGQW ATMEL-T7026-PGQW Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
More results

Similar Description - T7026-PGQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T7026 ATMEL-T7026_05 Datasheet
245Kb / 10P
   ISM 2.4 GHz Front End IC
T7024 ATMEL-T7024 Datasheet
377Kb / 18P
   Bluetooth??ISM 2.4-GHz Front- End IC
T7024 ATMEL-T7024_09 Datasheet
1Mb / 15P
   Bluetooth/ISM 2.4-GHz Front-end IC
T7024 ATMEL-T7024_07 Datasheet
351Kb / 19P
   Bluetooth/ISM 2.4-GHz Front-End IC
logo
Hittite Microwave Corpo...
HMC309MS8 HITTITE-HMC309MS8 Datasheet
171Kb / 6P
   2.4 GHz FRONT-END LNA / SWITCH IC
logo
Texas Instruments
CC2595 TI-CC2595_15 Datasheet
777Kb / 14P
[Old version datasheet]   2.4-GHz RF FRONT END
CC2591 TI-CC2591_10 Datasheet
706Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI1-CC2591_17 Datasheet
989Kb / 25P
[Old version datasheet]   2.4-GHz RF Front End
CC2591 TI-CC2591 Datasheet
721Kb / 18P
[Old version datasheet]   2.4-GHz RF Front End
CC2595 TI-CC2595 Datasheet
613Kb / 13P
[Old version datasheet]   2.4-GHz RF FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com