Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT34RC02UITE13 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT34RC02UITE13
Description  2-kb I2C Serial EEPROM, Serial Presence Detect
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34RC02UITE13 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT34RC02UITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT34RC02UITE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
CAT34RC02
5
Doc No. 1052, Rev. I
I2C BUS PROTOCOL
The I2C bus consists of two ‘wires’, SCL and SDA. The
two ‘wires’ are connected to the supply (VCC) via pull-up
resistors. Master and Slave devices connect to the bus
via their respective SCL and SDA pins. The transmitting
device pulls down the SDA line to ‘transmit’ a ‘0’ and
releases it to ‘transmit’ a ‘1’.
(1) Data transfer may be initiated only when the bus is
not busy (see A.C. Characteristics).
(2) During a data transfer, the data line must remain
stable whenever the SCL line is high. An SDA
transition while SCL is high will be interpreted as a
START or STOP condition.
START Condition
The START Condition precedes all commands. It consists
of a HIGH to LOW transition on SDA while SCL is HIGH.
The START condition acts as a ‘wake-up’ call for the
Slave devices. A Slave will not respond to commands
unless the MASTER generates a START condition.
STOP Condition
The STOP condition completes all commands. It consists
of a LOW to HIGH transition on SDA while SCL is HIGH.
The STOP condition starts the internal write cycle, when
following a WRITE command and sends the Slave into
standby mode, when following a READ command.
Device Addressing
The Master initiates a data transfer by creating a START
condition on the bus. The Master then broadcasts an 8-
bit serial Slave address. The four most significant bits of
the Slave address (the ‘preamble’) are fixed to 1010
(Ah), for normal read/write operations and 0110 (6h) for
Software Write Protect (SWP) operations (Fig. 5). The
next three bits, A2, A1 and A0, select one of eight possible
Slave devices. The last bit, R/
W, specifies whether a
Read (1) or Write (0) operation is to be performed.
Acknowledge
After processing the Slave address, the Slave responds
with an acknowledge (ACK) by pulling down the SDA
line during the 9th clock cycle. The Slave will aslo
acknowledge the 8-bit byte address and every data byte
presented in WRITE mode. In READ mode the Slave
shifts out eight bits of data, and then ‘releases’ the SDA
line durng the 9th clock cycle. If the Master acknowledges
in the 9th clock cycle (by pulling down the SDA line), then
the Slave continues transmitting. When data transfer is
complete, the Master responds with a NoACK (it does
not acknowledge the last data byte) and the Slave stops
transmitting and waits for a STOP condition.
Figure 4. Acknowledge Timing
Figure 5. Slave Address Bits
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER
1
DEVICE ADDRESS
010
A2
A1
A0
R/W
0
110
A2
A1
A0
R/W
Normal Read and Write
Programming the Write
Protect Register


Similar Part No. - CAT34RC02UITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34RC02UITE13 CATALYST-CAT34RC02UITE13 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02UITE13REV-E CATALYST-CAT34RC02UITE13REV-E Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
More results

Similar Description - CAT34RC02UITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
   2-kb I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
   2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
   2K-Bit I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02_11 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
   2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com