Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W561M02 Datasheet(PDF) 1 Page - Winbond

Part # W561M02
Description  4-CH MELODY WITH VOICE SYNTHESIZER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W561M02 Datasheet(HTML) 1 Page - Winbond

  W561M02 Datasheet HTML 1Page - Winbond W561M02 Datasheet HTML 2Page - Winbond W561M02 Datasheet HTML 3Page - Winbond W561M02 Datasheet HTML 4Page - Winbond W561M02 Datasheet HTML 5Page - Winbond W561M02 Datasheet HTML 6Page - Winbond W561M02 Datasheet HTML 7Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
W561XXX
4-CH MELODY WITH VOICE SYNTHESIZER
(BandDirector
TM Family)
Publication Release Date: February 1999
- 1 -
Revision A2
GENERAL DESCRIPTION
The W561xxx is one of the derivatives of the BandDirector
TM familiy. It consists of a 4-bit µC, two
voice synthesizers, one 4-CH Melody generator, and one shared ROM.
The muti-tasking operation for voice synthesis and 4-CH Melody generation is implemented by
dedicated H/W that can output the speech voice in parallel with the background music. With the 4 bit
kernel, which can execute instructions of up to 12 KIPS (Kilo-Instructions Per Second), and high
quality dual speaker output, you will be amazed at the possible applications. W561xxx provides you
with a total solution in one chip.
In addition, the W561xxx's user-friendly development environment can effectively reduce your design
period and help you easily tool your projects by yourself with the ICE and emulation kit.
There are 10 kinds of W561xxx IC bodies (see table below).
PART NO.
W561S15
W561S20
W561S25
W561S30
W561S40
Duration
15 sec
20 sec
25 sec
30 sec
40 sec
PART NO.
W561S50
W561S60
W561S80
W561S99
W561M02
Duration
50 sec
60 sec
80 sec
100 sec
120 sec
Note: The voice durations are estimated by 8.0 KHz sampling rate
Possible applications are:
Programmed voice synthesis with background music or speech
I/O interactive voice synthesis to accompany background music or speech
Demo of music songs with possible dynamic timbre/tempo changes during playback
Q&A games
Edutainment toys
FEATURES
Multi-engine processor parallel management with
µC, speech and PCM Melody
−µC // (Synthesizer1 or 4-CH Melody) // Synthesizer2 (//: in parallel)
−µC, with basic ALU, 64-nibble RAM (including 8 working registers) and an 8-bit timer
− Synthesizer1 capable of voice syntheses with Sample rate @4.8/6/8/12 KHz
− Synthesizer2, same as synthesizer1
− 4-CH Melody with total 16 Kbyte Timbre table, which can store up to 16 kinds of timbre samples.
− The on-chip ROM is shared among program, voices and melody notes
Wide operating voltage range: 2.4 to 5.5 volts
Low power consumption (VDD = 5 Volt)
− Standby current < 2 µA


Similar Part No. - W561M02

ManufacturerPart #DatasheetDescription
logo
RDC Semiconductor
W5610 RDC-W5610 Datasheet
99Kb / 4P
   32-BIT RISC MICROCONTROLLER
More results

Similar Description - W561M02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N588HXXX ETC2-N588HXXX Datasheet
566Kb / 10P
   3-ch Voice/Melody
logo
Winbond
W562XXX WINBOND-W562XXX Datasheet
383Kb / 8P
   DUAL-TONE MELODY WITH VOICE SYNTHESIZER (BandDirector Series)
logo
Aplus Intergrated Circu...
APEXX16 APLUS-APEXX16 Datasheet
252Kb / 8P
   very low cost voice and melody synthesizer with 4-bits CPU
APEXX24 APLUS-APEXX24 Datasheet
247Kb / 7P
   very low cost voice and melody synthesizer with 4-bits CPU
APEXX12 APLUS-APEXX12 Datasheet
242Kb / 6P
   very low cost voice and melody synthesizer with 4-bits CPU
APEXX04 APLUS-APEXX04 Datasheet
293Kb / 6P
   very low cost voice and melody synthesizer with 4-bits CPU
logo
Winbond
W536030P WINBOND-W536030P Datasheet
596Kb / 14P
   VOICE & MELODY CONTROLLER
logo
List of Unclassifed Man...
RC8650 ETC-RC8650 Datasheet
747Kb / 48P
   VOICE SYNTHESIZER
logo
Aplus Intergrated Circu...
ASM12712C APLUS-ASM12712C Datasheet
475Kb / 7P
   VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT
AU1564 APLUS-AU1564 Datasheet
1Mb / 12P
   single chip voice synthesizer with 4-bit microprocessor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com