Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS7810K Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BTS7810K
Description  TrilithIC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7810K Datasheet(HTML) 1 Page - Infineon Technologies AG

  BTS7810K Datasheet HTML 1Page - Infineon Technologies AG BTS7810K Datasheet HTML 2Page - Infineon Technologies AG BTS7810K Datasheet HTML 3Page - Infineon Technologies AG BTS7810K Datasheet HTML 4Page - Infineon Technologies AG BTS7810K Datasheet HTML 5Page - Infineon Technologies AG BTS7810K Datasheet HTML 6Page - Infineon Technologies AG BTS7810K Datasheet HTML 7Page - Infineon Technologies AG BTS7810K Datasheet HTML 8Page - Infineon Technologies AG BTS7810K Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
P-TO263-15-1
Data Sheet
1
2003-03-11
TrilithIC
Data Sheet
BTS 7810 K
1Overview
1.1
Features
• Quad D-MOS switch
• Free configurable as bridge or quad-switch
• Optimized for DC motor management applications
•Low
R
DS ON: 26 m
Ω high-side switch, 14 mΩ low-side
switch (typical values @ 25
°C)
• Maximum peak current: typ. 42 A @ 25
°C
• Very low quiescent current: typ. 4
µA @ 25 °C
• Small outline, thermal optimized PowerPak
• Load and GND-short-circuit-protection
• Operates up to 40 V
• Status flag for over temperature
• Open load detection in Off-mode
• Overtemperature shut down with hysteresis
• Internal clamp diodes
• Isolated sources for external current sensing
• Under-voltage detection with hysteresis
1.2
Description
The BTS 7810 K is part of the TrilithIC
family containing three dies in one package:
One double high-side switch and two low-side switches. The drains of these three
vertical DMOS chips are mounted on separated leadframes. The sources are connected
to individual pins, so the BTS 7810 K can be used in H-bridge- as well as in any other
configuration. The double high-side is manufactured in SMART SIPMOS® technology
which combines low
R
DS ON vertical DMOS power stages with CMOS control circuit. The
high-side switch is fully protected and contains the control and diagnosis circuit. To
achieve low
R
DS ON
and fast switching performance, the low-side switches are
manufactured in S-FET 2 logic level technology. The equivalent standard product is the
SPD30N06S2L-13.
Type
Ordering Code
Package
BTS 7810 K
Q67060-S6129
P-TO263-15-1


Similar Part No. - BTS7810K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7811K INFINEON-BTS7811K Datasheet
332Kb / 18P
   TrilithIC
Rev. 2.0, 2006-07-18
BTS781GP INFINEON-BTS781GP Datasheet
242Kb / 17P
   TrilithIC
2002-06-28
More results

Similar Description - BTS7810K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS7710GP INFINEON-BTS7710GP Datasheet
238Kb / 16P
   TrilithIC
2001-02-01
logo
Siemens Semiconductor G...
BTS774G SIEMENS-BTS774G Datasheet
94Kb / 17P
   TrilithIC
logo
Infineon Technologies A...
BTM7750GP INFINEON-BTM7750GP Datasheet
352Kb / 18P
   TrilithIC
Rev. 1.0, July 2008
BTS780GP INFINEON-BTS780GP Datasheet
314Kb / 18P
   TrilithIC
1999-06-22
BTS7740G INFINEON-BTS7740G Datasheet
249Kb / 16P
   TrilithIC
2001-02-01
BTS7750G INFINEON-BTS7750G Datasheet
226Kb / 16P
   TrilithIC
2001-02-01
BTM7810K INFINEON-BTM7810K Datasheet
567Kb / 18P
   TrilithIC
Rev. 1.0, May 2008
BTM7710G INFINEON-BTM7710G Datasheet
322Kb / 18P
   TrilithIC
Rev. 1.0, June 2008
BTM7740G INFINEON-BTM7740G Datasheet
330Kb / 18P
   TrilithIC
Rev. 1.0, May 2007
BTM7811K INFINEON-BTM7811K Datasheet
573Kb / 19P
   TrilithIC
Rev. 1.0, May 2008
BTS7741G INFINEON-BTS7741G Datasheet
284Kb / 16P
   TrilithIC
2003-03-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com