Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC1276 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC1276
Description  3-Pin Reset Monitors for 3.3V Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1276 Datasheet(HTML) 2 Page - Microchip Technology

  TC1276 Datasheet HTML 1Page - Microchip Technology TC1276 Datasheet HTML 2Page - Microchip Technology TC1276 Datasheet HTML 3Page - Microchip Technology TC1276 Datasheet HTML 4Page - Microchip Technology TC1276 Datasheet HTML 5Page - Microchip Technology TC1276 Datasheet HTML 6Page - Microchip Technology TC1276 Datasheet HTML 7Page - Microchip Technology TC1276 Datasheet HTML 8Page - Microchip Technology TC1276 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC1275/TC1276/TC1277
DS21383B-page 2
© 2002 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage (VCC to GND) .............................+6.0V
RESET, RESET.......................... -0.3V to (VCC +0.3V)
Input Current, VCC...............................................20mA
Output Current, RESET, RESET .........................20mA
Power Dissipation (TA ≤ 70°C)
3-Pin SOT-23B (derate 4mW/°C above +70°C)
.................................................................230mW
Operating Temperature Range............. -40°C to +85°C
Storage Temperature Range .............. -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC1275/TC1276/TC1277 ELECTRICAL SPECIFICATIONS
Recommended DC Operating Conditions: TA = -40°C to +85°C unless otherwise noted. Typical values are at TA =+25°C.
Symbol
Parameter
Min
Typ
Max
Units
Device
Test Conditions
VCC
Supply Voltage
1.2
1.8
5.5
5.5
V
TC1275, TC1276
TC1277
Note 1
DC Electrical Characteristics: TA = -40°C to +85°C unless otherwise noted. Typical values are at TA =+25°C.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
VOH
Output Voltage @ 0-500
µAVCC –0.5V VCC – 0.1V
V
TC1275, TC1277 Note 1
IOH
Output Current @ 2.4 Volts
VCC =5V
VCC =2.7V
13
1.3
mA
TC1275
TC1277
Note 2
IOL
Output Current @ 0.4 Volts
+10
30
mA
Note 2, Note 5
ICC
Operating Current
VCC <5.5V
VCCTP <VCC <5.5V
VCC <VCCTP
20
20
350
35
35
700
µA
TC1275, TC1277
TC1276
TC1276
Note 3
Note 3
Note 3
VCCTP-5 VCC Trip Point (TC1275/6/7-5)
2.98
3.06
3.15
V
Note 1
VCCTP-10 VCC Trip Point (TC1275/6/7-10)
2.80
2.88
2.97
V
Note 1
VCCTP-20 VCC Trip Point (TC1275/6/7-20)
2.47
2.55
2.64
V
Note 1
COUT
Output Capacitance
9
pF
RP
Internal Pull-Up Resistor
3.0
6.0
9.0
k
TC1276
AC Electrical Characteristics: TA = -40°C to +85°C unless otherwise noted. Typical values are at TA =+25°C.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
tRST
RESET Active Time
100
200
300
msec
tRPD1
VCC Detect to RESET
—20
50
µsec TC1275, TC1276 VCC(LOW) = 1V, Figure 3-2
tRPD2
VCC Detect to RESET
20
50
µsec TC1277
VCC(LOW) = 1V, Figure 3-4
tF
VCC Slew Rate
(VCCTP(MAX) to VCCTP(MIN))
300
µsec
Figure 3-2, Figure 3-4
tR
VCC Slew Rate
(VCCTP(MIN) to VCCTP(MAX))
0
nsec
Figure 3-1, Figure 3-3
tRPU1
VCC Detect to RESET
100
200
300
msec TC1275, TC1276 Note 4, Figure 3-1
tRPU2
VCC Detect to RESET
100
200
300
msec TC1277
Note 4, Figure 3-3
Note
1:
All voltages referenced to ground.
2:
Measured with VCC ≥ 2.7 volts.
3:
Measured with RESET output open for TC1275/TC1276; measured with RESET output open for TC1277.
4:
tR =5µsec.
5:
A1k
Ω external resistor may be required in some applications for proper operation of the microprocessor reset control circuit when using
the TC1276.


Similar Part No. - TC1276

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1276-10ENB MICROCHIP-TC1276-10ENB Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
TC1276-15ENB MICROCHIP-TC1276-15ENB Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
TC1276-5ENB MICROCHIP-TC1276-5ENB Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
More results

Similar Description - TC1276

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1275 MICROCHIP-TC1275_07 Datasheet
514Kb / 12P
   3-Pin Reset Monitors for 3.3V Systems
2007
TC1278 MICROCHIP-TC1278 Datasheet
424Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2002
TC1274 MICROCHIP-TC1274 Datasheet
224Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2003
TC1278 MICROCHIP-TC1278_07 Datasheet
452Kb / 12P
   3-Pin Reset Monitors for 5V Systems
2007
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
   3-Pin Microcontroller Reset Monitors
2004
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
   3 PIN MICROPROCESSOR RESET MONITORS
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
   3-Pin Microcontroller Reset Monitors
2005
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
   3-Pin Microcontroller Reset Monitors
11/29/12
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
   3-PIN MICROPROCESSOR RESET MONITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com