Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC0806LCJ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0806LCJ
Description  8-Bit D/A Converters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0806LCJ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DAC0806LCJ Datasheet HTML 2Page - National Semiconductor (TI) DAC0806LCJ Datasheet HTML 3Page - National Semiconductor (TI) DAC0806LCJ Datasheet HTML 4Page - National Semiconductor (TI) DAC0806LCJ Datasheet HTML 5Page - National Semiconductor (TI) DAC0806LCJ Datasheet HTML 6Page - National Semiconductor (TI) DAC0806LCJ Datasheet HTML 7Page - National Semiconductor (TI) DAC0806LCJ Datasheet HTML 8Page - National Semiconductor (TI) DAC0806LCJ Datasheet HTML 9Page - National Semiconductor (TI) DAC0806LCJ Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Test Circuits (Continued)
TLH5687 9
FIGURE 6 Reference Current Slew Rate Measurement (Note 7)
TLH5687 10
FIGURE 7 Positive VREF (Note 7)
TLH5687 11
FIGURE 8 Negative VREF (Note 7)
Application Hints
REFERENCE AMPLIFIER DRIVE AND COMPENSATION
The reference amplifier provides a voltage at pin 14 for con-
verting the reference voltage to a current and a turn-around
circuit or current mirror for feeding the ladder The reference
amplifier input currrent I14 must always flow into pin 14
regardless of the set-up method or reference voltage polarity
Connections for a positive voltage are shown in
Figure 7
The reference voltage source supplies the full current I14
For bipolar reference signals as in the multiplying mode
TLH5687 12
FIGURE 9 Programmable Gain Amplifier or
Digital Attenuator Circuit (Note 7)
R15 can be tied to a negative voltage corresponding to the
minimum input level It is possible to eliminate R15 with only
a small sacrifice in accuracy and temperature drift
The compensation capacitor value must be increased with
increases in R14 to maintain proper phase margin for R14
values of 1 25 and 5 kX minimum capacitor values are 15
37 and 75 pF The capacitor may be tied to either VEE or
ground but using VEE increases negative supply rejection
7


Similar Part No. - DAC0806LCJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0806LCJ NSC-DAC0806LCJ Datasheet
222Kb / 10P
   8-Bit D/A Converters
More results

Similar Description - DAC0806LCJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0807 NSC-DAC0807 Datasheet
222Kb / 10P
   8-Bit D/A Converters
logo
API Technologies Corp
MN5120 APITECH-MN5120 Datasheet
1Mb / 8P
   8-bit A/D Converters
logo
Texas Instruments
ADCS7476 TI1-ADCS7476 Datasheet
1Mb / 33P
[Old version datasheet]   8-Bit A/D Converters
logo
Integrated Circuit Syst...
MN5120 ICST-MN5120 Datasheet
1Mb / 8P
   8-bit A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
logo
Intersil Corporation
AD7523 INTERSIL-AD7523 Datasheet
99Kb / 9P
   8-Bit, Multiplying D/A Converters
August 1997
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
API Technologies Corp
MN3000 APITECH-MN3000 Datasheet
1Mb / 4P
   High-accuracy 8-bit D/A Converters
logo
List of Unclassifed Man...
MN5100 ETC1-MN5100 Datasheet
1Mb / 6P
   High-speed 8-bit A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com