Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA2145AF Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TA2145AF
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA2145AF Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TA2145AF Datasheet HTML 3Page - Toshiba Semiconductor TA2145AF Datasheet HTML 4Page - Toshiba Semiconductor TA2145AF Datasheet HTML 5Page - Toshiba Semiconductor TA2145AF Datasheet HTML 6Page - Toshiba Semiconductor TA2145AF Datasheet HTML 7Page - Toshiba Semiconductor TA2145AF Datasheet HTML 8Page - Toshiba Semiconductor TA2145AF Datasheet HTML 9Page - Toshiba Semiconductor TA2145AF Datasheet HTML 10Page - Toshiba Semiconductor TA2145AF Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TA2145AF
2002-04-19
7
Maximum Ratings (Ta
==== 25°C)
Characteristic
Symbol
Rating
Unit
Supply voltage
VCC
4
V
(Note 1)
400
Power dissipation
PD
(Note 2)
925
mW
Output current (PW AMP.)
IO (PW)
200
mA
Output current (GVN)
IO (GVN)
700
mA
Operating temperature
Topr
-25~75
°C
Storage temperature
Tstg
-55~150
°C
Note 1: IC only: Derated above Ta
= 25°C in the proportion 3.2 mW/°C
Note 2: IC
+ PCB (TOSHIBA typical PCB): Derated above Ta = 25°C in the proportion7.4 mW/°C


Similar Part No. - TA2145AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2145AFG TOSHIBA-TA2145AFG Datasheet
310Kb / 16P
   3 V Stereo Headphone Amplifier (3 V USE)
More results

Similar Description - TA2145AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA2028F TOSHIBA-TA2028F Datasheet
495Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA6042FNG TOSHIBA-TA6042FNG Datasheet
328Kb / 10P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4019F TOSHIBA-TA4019F Datasheet
157Kb / 7P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8264AH TOSHIBA-TA8264AH Datasheet
234Kb / 14P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1276AN TOSHIBA-TA1276AN Datasheet
1Mb / 86P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com