Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3082E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3082E
Description  ±15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3082E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3082E Datasheet HTML 1Page - Maxim Integrated Products MAX3082E Datasheet HTML 2Page - Maxim Integrated Products MAX3082E Datasheet HTML 3Page - Maxim Integrated Products MAX3082E Datasheet HTML 4Page - Maxim Integrated Products MAX3082E Datasheet HTML 5Page - Maxim Integrated Products MAX3082E Datasheet HTML 6Page - Maxim Integrated Products MAX3082E Datasheet HTML 7Page - Maxim Integrated Products MAX3082E Datasheet HTML 8Page - Maxim Integrated Products MAX3082E Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
±15kV ESD-Protected, Fail-Safe, High-Speed (10Mbps),
Slew-Rate-Limited RS-485/RS-422 Transceivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC) ............................................................+7V
Control Input Voltage (RE, DE)...................-0.3V to (VCC + 0.3V)
Special Input Voltage
(H/F, SRL, TXP, RXP)..............................-0.3V to (VCC + 0.3V)
Driver Input Voltage (DI).............................-0.3V to (VCC + 0.3V)
Driver Output Voltage (A, B, Y, Z)........................................±13V
Receiver Input Voltage (A, B) ..............................................±13V
Receiver Input Voltage, Full Duplex (A, B) ..........................±25V
Receiver Output Voltage (RO)....................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ...727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
14-Pin Plastic DIP (derate 10.0mW/°C above +70°C) ....800mW
14-Pin SO (derate 8.33mW/°C above +70°C)..............667mW
Operating Temperature Ranges
MAX308_EC_ _ ...................................................0°C to +70°C
MAX308_EE_ _ ................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Figure 5, R = 50
Ω (RS-422)
DE = GND,
VCC = GND or 5.25V
DE = GND,
VCC = GND or 5.25V
H/F, TXP, RXP, internal pulldown
DE, DI, RE
SRL = VCC
SRL
MAX3080E–MAX3085E, and MAX3089E with
SRL = VCC or unconnected
DE, DI, RE, H/F, TXP, RXP
Figure 5, R = 50
Ω or R = 27Ω
Figure 5, R = 50
Ω or R = 27Ω
Figure 5, R = 50
Ω or R = 27Ω
SRL (Note 3)
DE, DI, RE, H/F, TXP, RXP
SRL
CONDITIONS
µA
125
IO
Output Leakage (Y and Z)
Full Duplex
µA
125
IIN4
Input Current (A and B)
µA
75
IIN3
SRL Input Current
V
0.8
VIL2
Input Low Voltage
V
0.4VCC
0.6VCC
VIM2
Input Middle Voltage
V
VCC - 0.8
VIH2
Input High Voltage
V
2.0
VOD2
Differential Driver Output
10
40
IIN2
µA
±2
IIN1
SRL Input Current
mV
100
VHYS
DI Input Hysteresis
V
0.8
VIL1
Input Low Voltage
V
0.2
∆VOD
Change-in-Magnitude of
Differential Output Voltage
(Note 2)
V
3
VOC
Driver Common-Mode Output
Voltage
V
0.2
∆VOC
Change-in-Magnitude of
Common-Mode Voltage (Note 2)
V
2.0
VIH1
Input High Voltage
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Figure 5, R = 27
Ω (RS-485)
1.5
SRL = GND (Note 3)
-75
VIN = 12V
VIN = 12V
VIN = -7V
-100
-75
VIN = -7V
Figure 5
V
5
VOD1
Differential Driver Output
(No Load)
mA
VOD1
Driver Short-Circuit Output
Current (Note 4)
DRIVER
-7V
≤ VOUT ≤ VCC
-250
0V
≤ VOUT ≤ 12V
0V
≤ VOUT ≤ VCC
±25
250


Similar Part No. - MAX3082E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3082E MAXIM-MAX3082E Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3082EPA MAXIM-MAX3082EPA Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3082EPA MAXIM-MAX3082EPA Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3082ESA MAXIM-MAX3082ESA Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3082ESA MAXIM-MAX3082ESA Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
More results

Similar Description - MAX3082E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3085ECPA MAXIM-MAX3085ECPA Datasheet
242Kb / 20P
   15,-15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 1; 5/06
MAX3080CPD MAXIM-MAX3080CPD Datasheet
915Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080 Datasheet
275Kb / 20P
   Fail-Safe, High-Speed 10Mbps, Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1138; Rev 1; 12/97
MAX3080 MAXIM-MAX3080_14 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080 MAXIM-MAX3080_V01 Datasheet
572Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-2668; Rev 4; 1/16
MAX3082CPA MAXIM-MAX3082CPA Datasheet
927Kb / 21P
   Fail-Safe, High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
MAX3080E MAXIM-MAX3080E_V01 Datasheet
242Kb / 20P
   짹15kVESD-Protected,Fail-Safe,High-Speed (10Mbps), Slew-Rate-Limited RS-485/RS-422 Transceivers
19-1800; Rev 1; 5/06
MAX3080 MAXIM-MAX3080_07 Datasheet
622Kb / 20P
   Fail-Safe, High-Speed (10Mbps),Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 3; 12/05
logo
AiT Semiconductor Inc.
A3085 AITSEMI-A3085 Datasheet
599Kb / 9P
   RS-485 TRANSCEIVERS FAIL-SAFE, HIGH-SPEED SLEW-RATE-LIMITED
REV1.0
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com