Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4385E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4385E
Description  Low-Cost, 230MHz, Single/Quad Op Amps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4385E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4385E_02 Datasheet HTML 1Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 2Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 3Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 4Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 5Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 6Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 7Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 8Page - Maxim Integrated Products MAX4385E_02 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low-Cost, 230MHz, Single/Quad Op Amps with
Rail-to-Rail Outputs and ±15kV ESD Protection
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Power-Supply Voltage (VCC to VEE) .........................-0.3V to +6V
IN_+, IN_-, OUT_,.............................(VEE - 0.3V) to (VCC + 0.3V)
Output Short-Circuit Duration to
VCC or VEE.............................................................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 8.7mW/°C above +70°C)...........696mW
14-Pin SO (derate 8.33mW/°C above +70°C).............667mW
14-Pin TSSOP (derate 10mW/°C above +70°C) .........727mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and function-
al operation of the device at these or at any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = 5V, VEE = 0, VCM = VCC/2, VOUT = VCC/2, RL =
∞ to VCC/2, CBYPASS = 2.2µF, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common-Mode Voltage
Range
VCM
Guaranteed by CMRR
VEE -
0.2
VCC -
2.25
V
TA = +25°C
0.2
20
Input Offset Voltage
VOS
TA = -40°C to +85°C
28
mV
Input Offset Voltage Matching
MAX4386E
1
mV
Input Offset Voltage Tempco
TCVOS
8
µV/°C
Input Bias Current
IB
6.5
20
µA
Input Offset Current
IOS
0.5
7
µA
Differential mode (-1V
≤ VIN ≤ +1V)
70
k
Input Resistance
RIN
Common mode (-0.2V
≤ VCM ≤ +2.75V)
3M
Common-Mode Rejection Ratio
CMRR
VEE - 0.2V
≤ VCM ≤ VCC - 2.25V
70
95
dB
0.25V
≤ VOUT ≤ 4.75V, RL = 2kΩ
50
61
0.8V
≤ VOUT ≤ 4.5V, RL = 150Ω
48
63
Open-Loop Gain
AVOL
1V
≤ VOUT ≤ 4V, RL = 50Ω
58
dB
VCC - VOH
0.05
0.270
RL = 2k
VOL - VEE
0.05
0.150
VCC - VOH
0.3
0.5
RL = 150
VOL - VEE
0.25
0.8
VCC - VOH
0.5
0.8
RL = 75
VOL - VEE
0.5
1.75
VCC - VOH
1
1.7
Output Voltage Swing
VOUT
RL = 75
Ω to
ground
VOL - VEE
0.025
0.125
V
Sinking from RL = 50
Ω to VCC
40
55
Output Current
IOUT
Sourcing into RL = 50
Ω to VEE
25
50
mA
Output Short-Circuit Current
ISC
Sinking or sourcing
±100
mA
Open-Loop Output Resistance
ROUT
8
Power-Supply Rejection Ratio
PSRR
VS = 4.5V to 5.5V
50
62
dB


Similar Part No. - MAX4385E_02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4385EEUK-T MAXIM-MAX4385EEUK-T Datasheet
377Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Rev 0; 4/02
More results

Similar Description - MAX4385E_02

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4385E MAXIM-MAX4385E Datasheet
377Kb / 13P
   Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 짹15kV ESD Protection
Rev 0; 4/02
logo
Elantec Semiconductor
EL2210C ELANTEC-EL2210C Datasheet
190Kb / 12P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
logo
Intersil Corporation
EL2210 INTERSIL-EL2210 Datasheet
90Kb / 11P
   Low Cost, Dual, Triple and Quad Video Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com