Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX7316AEE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX7316AEE
Description  10-Port I/O Expander with LED Intensity Control and Interrupt
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7316AEE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX7316AEE Datasheet HTML 5Page - Maxim Integrated Products MAX7316AEE Datasheet HTML 6Page - Maxim Integrated Products MAX7316AEE Datasheet HTML 7Page - Maxim Integrated Products MAX7316AEE Datasheet HTML 8Page - Maxim Integrated Products MAX7316AEE Datasheet HTML 9Page - Maxim Integrated Products MAX7316AEE Datasheet HTML 10Page - Maxim Integrated Products MAX7316AEE Datasheet HTML 11Page - Maxim Integrated Products MAX7316AEE Datasheet HTML 12Page - Maxim Integrated Products MAX7316AEE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
The second (A5), third (A4), fourth (A3), sixth (A1), and
last (A0) bits of the MAX7316 slave address are always
1, 0, 0, 0, and 0. Slave address bits A6 and A2 are
selected by the address input AD0. AD0 can be con-
nected to GND, V+, SDA, or SCL. The MAX7316 has four
possible slave addresses (Table 1), and therefore a
maximum of four MAX7316 devices can be controlled
independently from the same interface.
Message Format for Writing the MAX7316
A write to the MAX7316 comprises the transmission of
the MAX7316’s slave address with the R/W bit set to
zero, followed by at least 1 byte of information. The first
byte of information is the command byte. The com-
mand byte determines which register of the MAX7316
is to be written to by the next byte, if received (Table 2).
If a STOP condition is detected after the command byte
is received, then the MAX7316 takes no further action
beyond storing the command byte.
Any bytes received after the command byte are data
bytes. The first data byte goes into the internal register
of the MAX7316 selected by the command byte (Figure
8). If multiple data bytes are transmitted before a STOP
condition is detected, these bytes are generally stored
in subsequent MAX7316 internal registers because the
command byte address autoincrements (Table 2). A
diagram of a write to the output ports registers (blink
phase 0 register or blink phase 1 register) is given in
Figure 10.
10-Port I/O Expander with LED Intensity
Control and Interrupt
_______________________________________________________________________________________
9
Table 1. MAX7316 I2C Slave Address Map
DEVICE ADDRESS
PIN AD0
A6
A5
A4
A3
A2
A1
A0
SCL
1
100
000
SDA
1
100
100
GND
0
100
000
V+
0
100
100
Figure 8. Command and Single Data Byte Received
SA
A
A
P
0
SLAVE ADDRESS
COMMAND BYTE
DATA BYTE
1
BYTE
AUTOINCREMENT MEMORY ADDRESS
D15 D14 D13 D12 D11 D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
ACKNOWLEDGE FROM MAX7316
ACKNOWLEDGE FROM MAX7316
ACKNOWLEDGE FROM MAX7316
HOW COMMAND BYTE AND DATA BYTE MAP INTO
MAX7316'S REGISTERS
R/W
Figure 9. n Data Bytes Received
SA
A
A
P
0
SLAVE ADDRESS
COMMAND BYTE
DATA BYTE
N
BYTES
AUTOINCREMENT MEMORY ADDRESS
D15 D14 D13 D12 D11 D10
D9
D8
D1
D0
D3
D2
D5
D4
D7
D6
ACKNOWLEDGE FROM MAX7316
ACKNOWLEDGE FROM MAX7316
ACKNOWLEDGE FROM MAX7316
HOW COMMAND BYTE AND DATA BYTE MAP INTO
MAX7316'S REGISTERS
R/W
Figure 7. Command Byte Received
SA
A
P
0
SLAVE ADDRESS
COMMAND BYTE
ACKNOWLEDGE FROM MAX7316
D15
D14
D13
D12
D11
D10
D9
D8
COMMAND BYTE IS STORED ON RECEIPT OF
STOP CONDITION
ACKNOWLEDGE FROM MAX7316
R/W


Similar Part No. - MAX7316AEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7316AEE MAXIM-MAX7316AEE Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
More results

Similar Description - MAX7316AEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7315 MAXIM-MAX7315 Datasheet
448Kb / 27P
   8-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
   10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
   8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
   16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX6946 MAXIM-MAX6946 Datasheet
267Kb / 24P
   10-Port, Constant-Current LED Driver and I/O Expander with PWM Intensity Control
Rev 3; 2/08
MAX6966 MAXIM-MAX6966 Datasheet
398Kb / 29P
   10-Port Constant-Current LED Drivers and I/O Expanders with PWM Intensity Control
Rev 2; 4/05
MAX6966 MAXIM-MAX6966_14 Datasheet
650Kb / 29P
   10-Port Constant-Current LED Drivers and I/O Expanders with PWM Intensity Control
Rev 2; 4/05
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
[Old version datasheet]   SMBus I/O Expander With Interrupt Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com