Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8537 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8537
Description  Dual-Synchronous Buck Controllers for Point-of-Load, Tracking, and DDR Memory Power Supplies
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8537 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8537 Datasheet HTML 1Page - Maxim Integrated Products MAX8537 Datasheet HTML 2Page - Maxim Integrated Products MAX8537 Datasheet HTML 3Page - Maxim Integrated Products MAX8537 Datasheet HTML 4Page - Maxim Integrated Products MAX8537 Datasheet HTML 5Page - Maxim Integrated Products MAX8537 Datasheet HTML 6Page - Maxim Integrated Products MAX8537 Datasheet HTML 7Page - Maxim Integrated Products MAX8537 Datasheet HTML 8Page - Maxim Integrated Products MAX8537 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Dual-Synchronous Buck Controllers for Point-of-
Load, Tracking, and DDR Memory Power Supplies
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..............................................................-0.3V to +25V
AVL, VL to GND........................................................-0.3V to +6V
PGND to GND .......................................................-0.3V to +0.3V
FB_, EN_, POK_ to GND...........................................-0.3V to +6V
REFIN, VTTR, FREQ, SS_, COMP_ to GND....-0.3V to (AVL + 0.3V)
BST_, ILIM_ to GND ...............................................-0.3V to +30V
DH1 to LX1 ...............................................-0.3V to (BST1 + 0.3V)
DH2 to LX2 ...............................................-0.3V to (BST2 + 0.3V)
LX_ to BST_ ..............................................................-6V to +0.3V
LX_ to GND................................................................-2V to +25V
DL_ to PGND ................................................-0.3V to (VL + 0.3V)
Continuous Power Dissipation (TA = +70°C)
28-Pin QSOP (derate 10.8mW/°C above +70°C)........860mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ..........................……+300°C
ELECTRICAL CHARACTERISTICS
(V+ = 12V, EN_ = VL, BST_ = 6V, LX_ = 1V, VL load = 0mA, CVL = 10µF (ceramic), REFIN = 1.25V, PGND = AGND = FB_ = ILIM_ =
0V, CSS = 10nF, CVTTR = 1µF, RFREQ = 20kΩ, DH_ = open, DL_ = open, POK_ = open, circuit of Figure 1, TA = 0°C to +85°C, unless
otherwise noted.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
V+ Operating Range
VL regulator drops out below 5.5V (Note 1)
4.5
23.0
V
V+/ VL Operating Range
VL is externally generated (Note 1)
4.5
5.5
V
V+ Operating Supply Current
IL(VL) = 0, FB_ forced 50mV above threshold
3.5
7
mA
V+ Standby Supply Current
IL(VL) = 0, BST_ = VL, EN = LX_ = FB_ = 0V
350
700
µA
VL REGULATOR
Output Voltage
5.5V < V+ < 23V, 1mA < ILOAD < 70mA
4.75
5
5.25
V
VL Undervoltage-Lockout Trip
Level
Rising edge, hysteresis = 550mV (typ) (trip level is
typically 85% of VL)
4.18
4.3
4.42
V
Output Current
This is for gate current of DL_ /DH_ drivers, C(VL) =
1µF/10mA ceramic capacitor
70
mA
Thermal Shutdown
Rising temperature, typical hysteresis = 10°C
+160
°C
CURRENT-LIMIT THRESHOLD (all current limits are tested at V+ = VL = 4.5V and 5.5V)
ILIM Sink Current
ILIM_ = LX - 200mV, 1.8V < LX < 23V, BST = LX +5V
180
200
220
µA
SOFT-START
Soft-Start Source Current
SS_ = 100mV
-7
-5
-3
µA
Soft-Start Sink Current
SS_ = 0.8 or REFIN
3
5
7
µA
Soft-Start Full-Scale Voltage
0.8 or
REFIN
V
FREQUENCY
Low End of Range
RFREQ = 100kΩ, V+ = VL = 5V
160
200
240
kHz
Intermediate Range
RFREQ = 20kΩ, V+ = VL = 5V
800
1000
1200
kHz
High End of Range
RFREQ = 14.3kΩ, V+ = VL = 5V
1120
1400
1680
kHz
RFREQ = 100kΩ
95
RFREQ = 20kΩ
80
Maximum Duty Cycle
RFREQ = 14.3kΩ
72
%


Similar Part No. - MAX8537

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAX8537 ETC-MAX8537 Datasheet
100Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
logo
Maxim Integrated Produc...
MAX8537 MAXIM-MAX8537 Datasheet
228Kb / 11P
   Lossless Adjustable Hiccup Current Limit
Rev 0; 7/04
MAX8537EVKIT MAXIM-MAX8537EVKIT Datasheet
228Kb / 11P
   Lossless Adjustable Hiccup Current Limit
Rev 0; 7/04
More results

Similar Description - MAX8537

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1917 MAXIM-MAX1917 Datasheet
336Kb / 18P
   Tracking, Sinking and Sourcing, Synchronous Buck Controller for DDR Memory and Termination Supplies
Rev 1; 6/02
MAX8553-MAX8554 MAXIM-MAX8553-MAX8554 Datasheet
483Kb / 24P
   4.5V to 28V Input, Synchronous PWM Buck Controllers for DDR Termination and Point-of-Load Applications
Rev 0; 10/03
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
Guangdong Youtai Semico...
IRF7476TR UMW-IRF7476TR Datasheet
372Kb / 8P
   High Frequency 3.3V and 5V input Point-of-Load Synchronous Buck Converters for
logo
Texas Instruments
LM21215MHX TI1-LM21215MHX Datasheet
1Mb / 33P
[Old version datasheet]   15A High Efficiency Point of Load Synchronous Buck Regulator
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
logo
Renesas Technology Corp
ISL70005SEH RENESAS-ISL70005SEH Datasheet
1Mb / 46P
   Radiation Hardened Dual Output Point-of-Load, Integrated Synchronous Buck and Low Dropout Regulator
Jul 28, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com