Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIG50Q201H Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # MIG50Q201H
Description  High Power Switching Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

MIG50Q201H Datasheet(HTML) 2 Page - Toshiba Semiconductor

  MIG50Q201H Datasheet HTML 1Page - Toshiba Semiconductor MIG50Q201H Datasheet HTML 2Page - Toshiba Semiconductor MIG50Q201H Datasheet HTML 3Page - Toshiba Semiconductor MIG50Q201H Datasheet HTML 4Page - Toshiba Semiconductor MIG50Q201H Datasheet HTML 5Page - Toshiba Semiconductor MIG50Q201H Datasheet HTML 6Page - Toshiba Semiconductor MIG50Q201H Datasheet HTML 7Page - Toshiba Semiconductor MIG50Q201H Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MIG50Q201H
2001-05-29
2
Maximum Ratings (Tj = 25°C )
Stage
Characteristic
Condition
Symbol
Ratings
Unit
Supply voltage
P-N power terminal
VCC
900
V
Collector−emitter voltage
VCES
1200
V
Collector current
Tc = 25°C, DC
IC
50
A
Forward current
Tc = 25°C, DC
IF
50
A
Collector power dissipation
Tc = 25°C
PC
300
W
Inverter
Junction temperature
Tj
150
°C
Supply voltage
P−N power terminal
VCC
900
V
Collector−emitter voltage
VCES
1200
V
Collector current
Tc = 25°C, DC
IC
25
A
Reverse voltage
VR
1200
V
Forward current
Tc = 25°C, DC
IF
25
A
Collector power dissipation
Tc = 25°C
PC
140
W
Brake
Junction temperature
Tj
150
°C
Control supply voltage
VD−GND terminal
VD
20
V
Input voltage
IN−GND terminal
VIN
20
V
Fault output voltage
FO−GND (L) terminal
VFO
20
V
Control
Fault output current
FO sink current
IFO
14
mA
Operating temperature
TC
−20 ~ +100
°C
Storage temperature range
Tstg
−40 ~ +125
°C
Isolation voltage
AC 1 minute
VISO
2500
V
Module
Screw torque
M5
3
Nm
Electrical Characteristics
a.
Inverter Stage
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Tj = 25°C
1
Collector cut−off current
ICEX
VCE = 1200V
Tj = 125°C
10
mA
Tj = 25°C
2.6
3.5
Collector−emitter saturation voltage
VCE (sat)
VD = 15 V,
IC = 50 A
VIN = 15 V → 0 V
Tj = 125°C
2.5
V
Forward voltage
VF
IF = 50A
2.0
2.8
V
ton
1.0
1.7
tc (on)
0.4
0.8
trr
0.16
0.21
toff
1.9
2.6
Switching time
tc (off)
VCC = 600 V, IC = 50 A
VD = 15 V, VIN = 15 V
0 V
Inductive load
(Note 1)
0.35
0.6
µs


Similar Part No. - MIG50Q201H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
MIG50Q6CSB1X TOSHIBA-MIG50Q6CSB1X Datasheet
169Kb / 11P
   TOSHIBA Intelligent Power Module Silicon N Channel IGBT
MIG50Q7CSA0X TOSHIBA-MIG50Q7CSA0X Datasheet
723Kb / 8P
   TOSHIBA INTELLIGENT POWER MODULE SILICON N CHANNEL IGBT
MIG50Q7CSB1X TOSHIBA-MIG50Q7CSB1X Datasheet
168Kb / 11P
   High Power Switching Applications Motor Control Applications
More results

Similar Description - MIG50Q201H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT20J321 TOSHIBA-GT20J321 Datasheet
329Kb / 7P
   High Power Switching Applications Fast Switching Applications
GT15J321 TOSHIBA-GT15J321 Datasheet
311Kb / 7P
   High Power Switching Applications Fast Switching Applications
GT30J126 TOSHIBA-GT30J126 Datasheet
194Kb / 6P
   High Power Switching Applications Fast Switching Applications
2SD1415A TOSHIBA-2SD1415A_09 Datasheet
162Kb / 5P
   High-Power Switching Applications
MP4005 TOSHIBA-MP4005 Datasheet
208Kb / 8P
   High Power Switching Applications
2SB997 TOSHIBA-2SB997 Datasheet
239Kb / 3P
   HIGH POWER SWITCHING APPLICATIONS.
2SC2204 TOSHIBA-2SC2204 Datasheet
93Kb / 1P
   HIGH POWER SWITCHING APPLICATIONS.
2SC2444 TOSHIBA-2SC2444 Datasheet
86Kb / 1P
   HIGH POWER SWITCHING APPLICATIONS.
GT60M303-Q TOSHIBA-GT60M303-Q Datasheet
420Kb / 6P
   HIGH POWER SWITCHING APPLICATIONS
MIG50J901H TOSHIBA-MIG50J901H Datasheet
1Mb / 11P
   high Power Switching Applications
GT5J321 TOSHIBA-GT5J321 Datasheet
165Kb / 6P
   High Power Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com