Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK9E06-55A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BUK9E06-55A
Description  TrenchMOS logic level FET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BUK9E06-55A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BUK9E06-55A Datasheet HTML 1Page - List of Unclassifed Manufacturers BUK9E06-55A Datasheet HTML 2Page - List of Unclassifed Manufacturers BUK9E06-55A Datasheet HTML 3Page - List of Unclassifed Manufacturers BUK9E06-55A Datasheet HTML 4Page - List of Unclassifed Manufacturers BUK9E06-55A Datasheet HTML 5Page - List of Unclassifed Manufacturers BUK9E06-55A Datasheet HTML 6Page - List of Unclassifed Manufacturers BUK9E06-55A Datasheet HTML 7Page - List of Unclassifed Manufacturers BUK9E06-55A Datasheet HTML 8Page - List of Unclassifed Manufacturers BUK9E06-55A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
BUK9506-55A; BUK9606-55A;
BUK9E06-55A
Product data
Rev. 03 — 23 July 2001
2 of 16
9397 750 08416
© Philips Electronics N.V. 2001. All rights reserved.
5.
Quick reference data
6.
Limiting values
[1]
Current is limited by power dissipation chip rating
[2]
Continuous current is limited by package
Table 2:
Quick reference data
Symbol Parameter
Conditions
Typ
Max
Unit
VDS
drain-source voltage (DC)
55
V
ID
drain current (DC)
Tmb =25 °C; VGS =5V
[1]
154
A
Ptot
total power dissipation
Tmb =25 °C
300
W
Tj
junction temperature
175
°C
RDSon
drain-source on-state resistance
Tj =25 °C; VGS =5V; ID = 25 A
5.3
6.3
m
Tj =25 °C; VGS = 4.5 V; ID = 25 A
5.5
6.7
m
Tj =25 °C; VGS = 10 V; ID = 25 A
4.8
5.8
m
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
55
V
VDGR
drain-gate voltage (DC)
RGS =20kΩ−
55
V
VGS
gate-source voltage (DC)
−±15
V
ID
drain current (DC)
Tmb =25 °C; VGS =5V;
Figure 2 and 3
[1]
154
A
[2]
75
A
Tmb = 100 °C; VGS =5V; Figure 2
[2]
75
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs;
Figure 3
616
A
Ptot
total power dissipation
Tmb =25 °C; Figure 1
300
W
Tstg
storage temperature
−55
+175
°C
Tj
operating junction temperature
−55
+175
°C
Source-drain diode
IDR
reverse drain current (DC)
Tmb =25 °C
[1]
154
A
[2]
75
A
IDRM
pulsed reverse drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs
616
A
Avalanche ruggedness
WDSS
non-repetitive avalanche energy
unclamped inductive load; ID =75A;
VDS ≤ 55 V; VGS =5V; RGS =50 Ω;
starting Tmb =25 °C
1.1
J


Similar Part No. - BUK9E06-55A

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BUK9E06-55A NEXPERIA-BUK9E06-55A Datasheet
827Kb / 14P
   N-channel TrenchMOS logic level FET
logo
Inchange Semiconductor ...
BUK9E06-55A ISC-BUK9E06-55A Datasheet
327Kb / 2P
   isc N-Channel MOSFET Transistor
logo
NXP Semiconductors
BUK9E06-55A PHILIPS-BUK9E06-55A_15 Datasheet
207Kb / 14P
   N-channel TrenchMOS logic level FET
Rev. 04-31 May 2010
More results

Similar Description - BUK9E06-55A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP101NQ03LT PHILIPS-PHP101NQ03LT Datasheet
279Kb / 13P
   TrenchMOS logic level FET
Rev. 02-25 February 2003
PHP82NQ03LT PHILIPS-PHP82NQ03LT Datasheet
274Kb / 14P
   TrenchMOS??logic level FET
Rev. 01-28 March 2002
BUK98180-100A PHILIPS-BUK98180-100A Datasheet
296Kb / 13P
   TrenchMOS??logic level FET
Rev. 02-18 May 2001
SI4884 PHILIPS-SI4884 Datasheet
89Kb / 12P
   TrenchMOS??logic level FET
Rev. 02-12 April 2002
PI4884 PHILIPS-PI4884 Datasheet
97Kb / 12P
   TrenchMOS logic level FET
Rev. 02-12 April 2002
BUK9226-75A PHILIPS-BUK9226-75A Datasheet
290Kb / 13P
   TrenchMOS logic level FET
Rev. 01-10 October 2000
BUK953R2-40B NXP-BUK953R2-40B Datasheet
331Kb / 16P
   TrenchMOS logic level FET
Rev. 04-14 November 2003
BUK9240-100A NXP-BUK9240-100A Datasheet
315Kb / 13P
   TrenchMOS logic level FET
Rev. 01-03 October 2000
BUK9518-55A PHILIPS-BUK9518-55A Datasheet
333Kb / 14P
   TrenchMOS logic level FET
Rev. 01-27 August 2001
BUK92150-55A PHILIPS-BUK92150-55A Datasheet
273Kb / 13P
   TrenchMOS logic level FET
Rev. 03-30 May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com