Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAZ21200B Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # MAZ21200B
Description  Silicon planar type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MAZ21200B Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MAZ21200B Datasheet HTML 1Page - Panasonic Semiconductor MAZ21200B Datasheet HTML 2Page - Panasonic Semiconductor MAZ21200B Datasheet HTML 3Page - Panasonic Semiconductor MAZ21200B Datasheet HTML 4Page - Panasonic Semiconductor MAZ21200B Datasheet HTML 5Page - Panasonic Semiconductor MAZ21200B Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Zener Diodes
1
Publication date: February 2002
SKE00002BED
MAZ2000 Series (MA2000 Series)
Silicon planar type
For stabilization of power supply
s Features
• High reliability, achieved by the combination the planar type and
the glass seal
• Large power dissipation: P
D = 1 W
• Wide voltage range: V
Z = 5.1 V to 56.0 V
• Easy-to-use because of the finely divided zener voltage ranks, such
as A and B ranks
s Absolute Maximum Ratings T
a = 25°C
Unit: mm
Parameter
Symbol
Rating
Unit
Repetitive peak forward current
IFRM
400
mA
Total power dissipation *
1
Ptot
1W
Non-repetitive reverse surge
PZSM
75
W
power dissipation *
2
Junction temperature
Tj
200
°C
Storage temperature
Tstg
−55 to +200
°C
s Common Electrical Characteristics T
a = 25°C
*1
1: Cathode
2: Anode
DO-41-A1 Package
Note) *1: With a printed circuit board
*2: t = 100 µs, Tj = 150°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Forward voltage
VF
IF = 200 mA
1
V
Zener voltage *
2
VZ
IZ
Specified value
V
Zener operating resistance
RZ
IZ
Specified value
Reverse current
IR
VR
Specified value
µA
Temperature coefficient of zener voltage *
3
SZ
IZ
Specified value
mV/
°C
Terminal capacitance
Ct
VR
Specified value
pF
1st Band
2nd Band
3rd Band
Cathode
Anode
Colored band
indicatesVz
classification
4.0
±0.5
27 min.
2.6
+0.4
–0.2
27 min.
Refer to the list of the
electrical characteristics
within part numbers
Note) 1
.Rated input/output frequency: 5 MHz
2
*1: The VZ value is for the temperature of 25°C. In other cases, carry out the temperature compensation.
*2: Guaranteed at 20 ms after power application.
*3: Tj = 25°C to 150°C
Note) The part number in the parenthesis shows conventional part number.
• Color indication of V
Z rank classification
Rank
A
B
Color
Blue
Red


Similar Part No. - MAZ21200B

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MAZ21200B TGS-MAZ21200B Datasheet
200Kb / 6P
   Silicon planar type
More results

Similar Description - MAZ21200B

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MAZU000 PANASONIC-MAZU000 Datasheet
41Kb / 2P
   Silicon planar type
MAZX000 PANASONIC-MAZX000 Datasheet
41Kb / 2P
   Silicon planar type
MA4X348 PANASONIC-MA4X348 Datasheet
41Kb / 2P
   Silicon planar type
MAZ8000 PANASONIC-MAZ8000 Datasheet
69Kb / 5P
   Silicon planar type
PNA1605F PANASONIC-PNA1605F Datasheet
83Kb / 3P
   Silicon planar type
PNZ323 PANASONIC-PNZ323 Datasheet
82Kb / 3P
   Silicon planar type
MAZ1000 PANASONIC-MAZ1000 Datasheet
77Kb / 6P
   Silicon planar type
MAZ4000N PANASONIC-MAZ4000N Datasheet
72Kb / 5P
   Silicon planar type
MAZ5000 PANASONIC-MAZ5000 Datasheet
56Kb / 3P
   Silicon planar type
MA3D690 PANASONIC-MA3D690 Datasheet
45Kb / 2P
   Silicon planar type
MA4039 PANASONIC-MA4039 Datasheet
107Kb / 7P
   Silicon planar type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com