Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC15005 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # GBPC15005
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBPC15005 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  GBPC15005 Datasheet HTML 1Page - HY ELECTRONIC CORP. GBPC15005 Datasheet HTML 2Page - HY ELECTRONIC CORP. GBPC15005 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Surge overload -300~450 amperes peak
Low forward voltage drop
Mounting position :Any
Electrically isolated base-2000 Vlots
Solderable 0.25" FAST ON terminals
Materials used carries U/L recognition
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GBPC
GBPC
GBPC
GBPC
GBPC
GBPC
GBPC
15005
1501
1502
1504
1506
1508
1510
25005
2501
2502
2504
2506
2508
2510
35005
3501
3502
3504
3506
3508
3510
50005
5001
5002
5004
5006
5008
5010
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current
@ TC=55℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop Per Element
at 7.5/12.5/17.5/25.0 A Peak
Maximum Reverse Current at Rated
DC Blocking Voltage Per Element
@ TJ=25℃
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Rev. 7, 16-Mar-2017
Resistive or inductive load 60Hz.
Rating at 25℃ ambient temperature unless otherwise specified.
REVERSE VOLTAGE - 50 to 1000Volts
RWARD CURRENT
- 15/25/35/50
Amperes
GLASS PASSIVATED
BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
GBPC15/25/35/50 SERIES
A
IR
I(AV)
For capacitive load, derate current by 20%
SYMBOL
UNIT
CHARACTERISTICS
-55 to +150
10
μA
A
V
-55 to +150
1.1
VF
IFSM
GBPC
GBPC
15
15
25
35
50
300
350
400
450
GBPC
25
GBPC
35
GBPC
50
.634(16.1)
.673(17.1)
.634(16.1)
.673(17.1)
G
G
.886(22.5)
.295(7.5)
.335(8.5)
1.114(28.3)
1.133(28.8)
1.133(28.8)
1.114(28.3)
.028(0.7)
.035(0.9)
.254(6.45)
.242(6.15)
Hole for
No.8 screw
193"(4.9)diam
diam
0.94
(2.4)
METAL HEAT SINK
.543(13.8)
.583(14.8)
693(17.6)
732(18.6)
.937(23.8)


Similar Part No. - GBPC15005

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC15005 PANJIT-GBPC15005 Datasheet
39Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
logo
Formosa MS
GBPC15005 FORMOSA-GBPC15005 Datasheet
64Kb / 7P
   Bridge Rectifier
logo
RFE international
GBPC15005 RFE-GBPC15005 Datasheet
2Mb / 3P
   Bridge Rectifiers
1-06-2023
logo
Surge Components
GBPC15005 SURGE-GBPC15005 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
GBPC15005 DYELEC-GBPC15005 Datasheet
2Mb / 2P
   SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBPC15005

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com