Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC15005 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # GBPC15005
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBPC15005 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  GBPC15005 Datasheet HTML 1Page - HY ELECTRONIC CORP. GBPC15005 Datasheet HTML 2Page - HY ELECTRONIC CORP. GBPC15005 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
GBPC15/25/35/50 SERIES
The curve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3-TYPICAL FORWARD CHARACTERISTICS
100
10
1.0
0.1
0.01
0.6
0.8
1.0
1.2
1.4
0.4
1.6
GBPC50 GBPC25
GBPC35
GBPC15
10
1.0
0.1
0.01
0
120
20
40
60
80
100
140
TJ=25°C
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.4-TYPICAL REVERSE CHARACTERISTICS
FIG.2- DERATING CURVE OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE,°C
150
100
20
0
10
30
40
50
50
GBPC35
GBPC25
GBPC15
GBPC50
FIG.1-MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLETS AT 60Hz
1
10
100
0
400
200
100
300
600
500
GBPC50
GBPC35
GBPC25
GBPC15


Similar Part No. - GBPC15005

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC15005 PANJIT-GBPC15005 Datasheet
39Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
logo
Formosa MS
GBPC15005 FORMOSA-GBPC15005 Datasheet
64Kb / 7P
   Bridge Rectifier
logo
RFE international
GBPC15005 RFE-GBPC15005 Datasheet
2Mb / 3P
   Bridge Rectifiers
1-06-2023
logo
Surge Components
GBPC15005 SURGE-GBPC15005 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
GBPC15005 DYELEC-GBPC15005 Datasheet
2Mb / 2P
   SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - GBPC15005

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com