Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBPC-W1508 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # GBPC-W1508
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

GBPC-W1508 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  GBPC-W1508 Datasheet HTML 1Page - HY ELECTRONIC CORP. GBPC-W1508 Datasheet HTML 2Page - HY ELECTRONIC CORP. GBPC-W1508 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Surge overload -300~450 amperes peak
Low forward voltage drop
Mounting position :Any
Electrically isolated base-2000 Vlots
Materials used carries U/L recognition
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
GBPC-W GBPC-W GBPC-W GBPC-W GBPC-W GBPC-W
1501
1502
1504
1506
1508
1510
2501
2502
2504
2506
2508
2510
3501
3502
3504
3506
3508
3510
5001
5002
5004
5006
5008
5010
Maximum Recurrent Peak Reverse Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
70
140
280
420
560
700
V
Maximum Average Forward
Rectified Output Current
@ TC=55℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop Per Element
at 7.5/12.5/17.5 /25.0A Peak
Maximum Reverse Current at Rated
DC Blocking Voltage Per Element
@ TJ=25℃
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Rev. 7, 16-Mar-2017
GBPC15/25/35/50W SERIES
A
IR
Rating at 25℃ ambient temperature unless otherwise specified.
GLASS PASSIVATED
BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
REVERSE VOLTAGE - 50 to 1000Volts
RWARD CURRENT
-
15/25/35/50
Amperes
μA
35
Single phase, half wave ,60Hz, resistive or inductive load.
UNIT
VF
GBPC-W
IFSM
50
15005
For capacitive load, derate current by 20%
SYMBOL
25005
35005
50005
CHARACTERISTICS
A
V
I(AV)
10
1.1
-55 to +150
-55 to +150
GBPCW
GBPC
15W
15
25
35
50
300
350
400
450
GBPC
25W
GBPC
35W
GBPC
50W
METAL HEAT SINK
.295(7.5)
.335(8.5)
Hole for
No.8 screw
193"(4.9)diam
1.200
(30.5)MIN
.042(1.07)
.038(0.97)
1.133(28.8)
1.114(28.3)
.732(18.6)
.693(17.6)
.732(18.6)
.693(17.6)
.429(10.9)
.469(11.9)
1.133(28.8)
1.114(28.3)


Similar Part No. - GBPC-W1508

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GBPC-W1508 GOOD-ARK-GBPC-W1508 Datasheet
89Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
GBPC-W1508 CHENDA-GBPC-W1508 Datasheet
618Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - GBPC-W1508

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com