Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD9450-25 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CXD9450-25
Description  Single-Chip FaxEngine Product Family
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CXD9450-25 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CXD9450-25 Datasheet HTML 3Page - List of Unclassifed Manufacturers CXD9450-25 Datasheet HTML 4Page - List of Unclassifed Manufacturers CXD9450-25 Datasheet HTML 5Page - List of Unclassifed Manufacturers CXD9450-25 Datasheet HTML 6Page - List of Unclassifed Manufacturers CXD9450-25 Datasheet HTML 7Page - List of Unclassifed Manufacturers CXD9450-25 Datasheet HTML 8Page - List of Unclassifed Manufacturers CXD9450-25 Datasheet HTML 9Page - List of Unclassifed Manufacturers CXD9450-25 Datasheet HTML 10Page - List of Unclassifed Manufacturers CXD9450-25 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Single-Chip FaxEngine and Integrated Analog Device
Single-Chip FaxEngine Product Family
100544C
Conexant
7
Stand-by and Sleep Modes
Two power saving modes are provided to reduce the
power consumption. In Stand-by mode, the CPU is
functional but the modem clock is turned off to save
power. When this occurs, the modem may be activated
by software under different conditions. In Sleep mode,
the clock is cut off from both the modem and the CPU to
increase the power savings. The DRAM refresh is still
functional.
The system can be activated by paper insertion, key
pressing events, and telephone ring detection.
Embedded Modem DSP
The embedded modem DSP is a synchronous 9600 bps
(14400 bps optional) half-duplex modem with error
detection and DTMF generation/reception. It provides
data transmission/reception from regular PSTN lines,
PBX, or private lines.
The modem can operate at any standard V.29 data
speed up to 9600 bps as well as in V.21 and V.23
modes.
The modem is designed for use in Group 3 facsimile
machines, satisfies the requirements specified in ITU-T
recommendations V.29, V.27 ter, V.21 Channel 2, and
T.4, and meets the signaling requirements of T.30. It also
performs HDLC framing according to T.30 at all speeds.
Software and Firmware Support Features
Available software and embedded firmware provides the
following:
Modem support for speeds up to 9600 bps (V.17
optional)
ECM under conditional assembly
DRAM memory support under conditional assembly
MH, MR and MMR support
Page memory receiving
5 ms minimum scan line time
Conditional Error Diffusion or Dither table (8x8)
support
Dark Level Correction support
Single motor support
32-key operator panel support
Call progress support for Europe and US
Monochrome inkjet print engine support
CXD9450
Pin Assignments and Signal Definitions
The CXD9450 176-pin TQFP signals are shown in
Figure 2 and listed in Table 1.
Power Requirements
Power requirements are listed in Table 2.
Absolute Maximum Ratings
Absolute maximum ratings are listed in Table 3.
Crystal Specifications
The crystal specifications are listed in Table 4.
Package Dimensions
The 176-pin TQFP package dimensions are shown in
Figure 3.


Similar Part No. - CXD9450-25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD101-106Q ETC1-CXD101-106Q Datasheet
75Kb / 2P
   C-MOS DIGITAL DELAY LINE
logo
Sony Corporation
CXD1088AQ SONY-CXD1088AQ Datasheet
595Kb / 14P
   Over Sampling Digital Filter LSI
CXD1095AR SONY-CXD1095AR Datasheet
35Kb / 2P
   C-MOS I/O EXPANDER
CXD1095Q SONY-CXD1095Q Datasheet
44Kb / 3P
   C-MOS I/O PORT EXPANDER
logo
List of Unclassifed Man...
CXD1132Q ETC1-CXD1132Q Datasheet
41Kb / 4P
   C-MOS TIME CODE GENERATOR / READER
More results

Similar Description - CXD9450-25

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
1EDF5673K INFINEON-1EDF5673K Datasheet
1Mb / 37P
   GaN EiceDRIVER??product family Single-channel functional
Rev. 2.10 2019-02-11
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
   Product Family Specification
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
   e쨌MMC Product family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
   DrMOS Product Family
2015-04-23,Rev.2.0
logo
Broadcom Corporation.
INTENSI-FI BOARDCOM-INTENSI-FI Datasheet
157Kb / 2P
   DRAFT-802.11n PRODUCT FAMILY
logo
NXP Semiconductors
HCS12DBFAMILYPP NXP-HCS12DBFAMILYPP Datasheet
797Kb / 12P
   HCS12DB Family Product Proposal
Rev. 0.7, 8/2003
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
   Automotive XA Product Family
logo
List of Unclassifed Man...
SH8M08GBATCEBAA01 ETC2-SH8M08GBATCEBAA01 Datasheet
1,008Kb / 2P
   e?줞MCTM Product Family
logo
Motorola, Inc
MC9S12DB MOTOROLA-MC9S12DB Datasheet
758Kb / 12P
   HCS12DB Family Product Proposal
logo
List of Unclassifed Man...
AT25DF256 ETC2-AT25DF256 Datasheet
437Kb / 7P
   Bios Flash Product Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com