Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV55G20 Datasheet(PDF) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HV55G20
Description  55mA 20kV 100nS--High voltage silicon rectifier diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HV55G20 Datasheet(HTML) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HV55G20_17 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD HV55G20_17 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HV55G20
55mA 20kV 100nS--High voltage silicon rectifier diode
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 2 / 2
Fig 1
Fig 2
Forward Current Derating Curve
Reverse Recovery Measurement Waveform
This applies to most diodes in our catalog that show average
current rating at 55°C unless otherwise specified.
Max operating temperature is 150°C unless otherwise specified.
Typical data capture points: IF =0.5IR , IR,IRR =0.25IR
Fig 3
Repetitive Surge Curve
Marking
Type
Code
Cathode Mark
HV55G20
--


Similar Part No. - HV55G20_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HV55G20 GETEDZ-HV55G20_16 Datasheet
148Kb / 1P
   55mA 20kV 100nS-High Voltage Power Diodes
More results

Similar Description - HV55G20_17

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HV55G20 GETEDZ-HV55G20_16 Datasheet
148Kb / 1P
   55mA 20kV 100nS-High Voltage Power Diodes
HV55G15 GETEDZ-HV55G15_17 Datasheet
536Kb / 2P
   55mA 15kV 100nS--High voltage silicon rectifier diode
HV55G30 GETEDZ-HV55G30_17 Datasheet
537Kb / 2P
   55mA 30kV 100nS--High voltage silicon rectifier diode
HV55G25 GETEDZ-HV55G25_17 Datasheet
536Kb / 2P
   55mA 25kV 100nS--High voltage silicon rectifier diode
HVRT200 GETEDZ-HVRT200_17 Datasheet
514Kb / 2P
   30mA 20kV 100nS--High voltage silicon rectifier diode
2CLG3020 GETEDZ-2CLG3020_17 Datasheet
472Kb / 1P
   3.0A 20kV 100nS--High voltage silicon rectifier stack
HV10G20 GETEDZ-HV10G20_16 Datasheet
340Kb / 2P
   10mA 20kV 100nS-HIGH VOLTAGE DIODE
HV55G15 GETEDZ-HV55G15_16 Datasheet
146Kb / 1P
   55mA 15kV 100nS-High Voltage Power Diodes
HV55G25 GETEDZ-HV55G25_16 Datasheet
148Kb / 1P
   55mA 25kV 100nS-High Voltage Power Diodes
HV55G30 GETEDZ-HV55G30_16 Datasheet
148Kb / 1P
   55mA 30kV 100nS-High Voltage Power Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com