Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP3005G Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # KBP3005G
Description  GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBP3005G Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  KBP3005G Datasheet HTML 1Page - HY ELECTRONIC CORP. KBP3005G Datasheet HTML 2Page - HY ELECTRONIC CORP. KBP3005G Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
Rev. 2, 16-Mar-2017
The curve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
KBP3005G thru KBP310G
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.3-TYPIACL REVERSE CHARACTERISTICS
0
20
40
60
80
100
120
140
0.01
0.1
1.0
10
TJ=25°C
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10.0
20.0
0
0.2
TJ=25°C
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
AMBIENT TEMPERATURE ℃
FIG.1-DERATING CURVE
OUTPUT RECTIFIED CURRENT
50
100
0
150
5.0
4.0
3.0
2.0
1.0
FIG.4-MAXIMUM FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
1
10
100
40
60
20
80
0
TJ=25°C


Similar Part No. - KBP3005G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBP3005G MCC-KBP3005G Datasheet
494Kb / 3P
   3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
HY ELECTRONIC CORP.
KBP3005G HY-KBP3005G Datasheet
403Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Diotech Company.
KBP3005G DIOTECH-KBP3005G Datasheet
668Kb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
SHIKUES Electronics
KBP3005G SKTECHNOLGY-KBP3005G Datasheet
610Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gulf Semiconductor
KBP3005G GULFSEMI-KBP3005G Datasheet
91Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:3.0A
More results

Similar Description - KBP3005G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SH50VB80 HY-SH50VB80 Datasheet
133Kb / 2P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR3500GW HY-SBR3500GW Datasheet
155Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SBR5000G HY-SBR5000G Datasheet
179Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT50GW HY-SMT50GW Datasheet
376Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SC50VB80 HY-SC50VB80_V01 Datasheet
361Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SH50VBW HY-SH50VBW Datasheet
341Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SBR35GW HY-SBR35GW Datasheet
363Kb / 3P
   Glass Passivated 3 Phase Bridge Rectifiers
SBR3508G HY-SBR3508G Datasheet
152Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
SMT2508GW HY-SMT2508GW Datasheet
187Kb / 3P
   GLASS PASSIVATED 3 PHASE BRIDGE RECTIFIERS
logo
Comchip Technology
SC35VB160-G COMCHIP-SC35VB160-G Datasheet
187Kb / 2P
   Glass Passivated 3 Phase Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com