Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBL10 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # KBL10
Description  SILICON BRIDGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBL10 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  KBL10 Datasheet HTML 1Page - HY ELECTRONIC CORP. KBL10 Datasheet HTML 2Page - HY ELECTRONIC CORP. KBL10 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Surge overload rating -150 Amperes peak
ldeal for printed circuit board
Plastic material has UL flammability classification 94V-0
Mounting position :Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL KBL005
KBL01
KBL02
KBL04
KBL06
KBL08
KBL10
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Output
Current at 40
℃ TA (Note1)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Maximum Forward Voltage Drop Per Element
at 4.0A Peak
Maximum DC Reverse Current
at Rated DC Blocking Voltage
Maximum Reverse Current at
Rated DC Blocking Voltage and 150℃TA
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Rev. 7, 16-Mar-2017
NOTES
:1. Mounting conditions ,0.5″ lead length maximum.
A
A
4.0
1.0
10.0
μA
V
1.0
-55 to +150
-55 to+150
mA
KBL005 thru KBL10
REVERSE VOLTAGE
- 50
to 1000Volts
FORWARD CURRENT - 4.0Amperes
SILICON BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
VF
IR
IR
150
IFSM
I(AV)
KBL
.728(18.5)
.768(19.5)
.640(16.3)
.600(15.2)
.547(13.9)
.587(14.9)
.048(1.2)TYP.
.052(1.3)DIA.
MIN.
.750
(19.0)
.180(4.6)
.220(5.6)
.256(6.5)
.236(6.0)
.087(2.2)
.071(1.8)
.157(4.0)*45°


Similar Part No. - KBL10

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBL10 SEMTECH-KBL10 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
SUNMATE electronic Co.,...
KBL10 SUNMATE-KBL10 Datasheet
310Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
KBL10 TAITRON-KBL10 Datasheet
140Kb / 5P
   4A Bridge Rectifier
logo
Yea Shin Technology Co....
KBL10 YEASHIN-KBL10 Datasheet
443Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Fairchild Semiconductor
KBL10 FAIRCHILD-KBL10 Datasheet
28Kb / 2P
   4.0 Ampere Silicon Bridge Rectifiers
More results

Similar Description - KBL10

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com